전자부품 데이터시트 검색엔진 |
|
ACE150412FM+H 데이터시트(PDF) 2 Page - ACE Technology Co., LTD. |
|
ACE150412FM+H 데이터시트(HTML) 2 Page - ACE Technology Co., LTD. |
2 / 13 page ACE150X Technology 150KHz,2A ,PWM Step-Down DC/DC Converter VER 1.2 2 Packaging Type SOP-8 (ACE1502XXFM+) Vin GND Vout GND FB GND SHDN GND SOP-8 (ACE1501XXFM+) NC GND Vin GND Vout GND FB GND Pin Description Selection Guide ACE150 X XX XX + H Power Dissipation Table Package θ JA ( OC /W ) Df(mW/℃)TA≧25℃ TA≤ 25 OC Power rating(mW) TA=70 OC Power rating(mW) TA= 85 OC Power rating (mW) FM 70 6.06 1785 1142 928 Note: 1.Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into Thermal shutdown. 2.TJ: Junction Temperature Calculation TJ = TA + ( PD x θJA ) The θJA numbers are guidelines for the thermal performance of the device/PC-board system. All of the above assume no Ambient airflow. 3.θJA : Thermal Resistance-Junction to Ambient, DF: Derating factor, Po: Power consumption FM : SOP-8 Output Voltage: 3.3V/5.0V/12V/ADJ Pb - free Pin Halogen - free |
유사한 부품 번호 - ACE150412FM+H |
|
유사한 설명 - ACE150412FM+H |