부품명
         상세내용
ACT108W-600E

 AC Thyristor power switch ( 13 Page)


PHILIPS
100% 
Zoom Out Zoom In
 6 page
background image
ACT108W-600E_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 9 December 2009
6 of 13
NXP Semiconductors
ACT108W-600E
AC Thyristor power switch
5.
Thermal characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-sp)
thermal resistance from
junction to solder point
full cycle with heatsink compound;
--15
K/W
Rth(j-a)
thermal resistance from
junction to ambient
full cycle; printed-circuit board mounted for
pad area; see Figure 7
-70
-
K/W
full cycle; printed-circuit board mounted for
minimum footprint; see Figure 8
-
156
-
K/W
Fig 7.
Printed-circuit board pad area SOT223
Fig 8.
Minimum footprint SOT223
001aab509
7
4.6
15
36
9
10
18
4.5
60
50
001aab508
3.8 min
1.5
min
1.5
min
(3×)
2.3
4.6
6.3
1.5
min
1  2  3  4  5  6  7  8  9  10  11  12  13