전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE705156BM+ 데이터시트(PDF) 1 Page - ACE Technology Co., LTD.

부품명 ACE705156BM+
상세설명  High efficiency, Low supply current, step-up DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705156BM+ 데이터시트(HTML) 1 Page - ACE Technology Co., LTD.

  ACE705156BM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 
                                                                                                                      
ACE705
                        Technology
High efficiency, Low supply current, step-up
DC/DC Controller
VER 1.2
Description
The ACE705 series are CMOS-based PFM step-up DC-DC Controller with low supply current and high
output voltage accuracy. Quiescent current drawn from power source is as low as 6uA. It is capable of
delivering 500mA output current at 4.0V output with 2V input Voltage. Only four external components are
necessary: An inductor, a Schottky diode, an output filter capacitor and a NMOSFET or a NPN transistor
All of these features make ACE705 series be suitable for the portable devices, which are supplied by a
single battery to four-cell batteries.
ACE705 has a drive pin (EXT) for external transistor. So it is possible to load a large output current with
a power transistor which has a low saturation voltage.
ACE705 integrates stable reference circuits and trimming technology, so it can afford high precision and
low temperature-drift coefficient of the output voltage.
ACE705 is available in SOT-23-3 and SOT-23-5 packages which are PB free. And in SOT-23-5 the
device can be switch on or off easily by CE pin, to minimize the standby supply current. 
Features
Deliver 500mA at 4.0V Output voltage with 2.0V input Voltage
The converter output voltage can be adjusted from 2.5V~6.0V(In 0.1V step)
Output voltage accuracy -----------±2%
Low temperature-drift coefficient of the output voltage------------------±100ppm/℃
Only four external components are necessary: An inductor, a Schottky diode an output filter
capacitor and a NMOSFET or a NPN transistor
High power conversion efficiency---90%
Low quiescent current drawn from power source------------------------------------- 6uA
Application
Power source for PDA. DSC. MP3 Player. electronic toy and wireless mouse
Power source for a single or dual-cell battery-powered equipments
Power source for LED
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input voltage range
-0.3~12
V
Input voltage
V(EXT) -0.3~Vout+0.3 V
CE pin voltage
-0.3~Vout+0.3 V
EXT pin output current
0.7
A
Maximum power dissipation, Pd T=25℃
SOT-23-5
SOT-23-3
0.25
0.15
W
Maximum junction temperature
150
Operating free-air temperature range
-20~80
Storage temperature range
-40~125


유사한 부품 번호 - ACE705156BM+

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE705125BM+H ACE-ACE705125BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705125BN+H ACE-ACE705125BN+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705130BM+H ACE-ACE705130BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705130BN+H ACE-ACE705130BN+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705160BM+H ACE-ACE705160BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
More results

유사한 설명 - ACE705156BM+

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com