전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE108539ZM+ 데이터시트(PDF) 4 Page - ACE Technology Co., LTD.

부품명 ACE108539ZM+
상세설명  3A Low Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE108539ZM+ 데이터시트(HTML) 4 Page - ACE Technology Co., LTD.

  ACE108539ZM+ Datasheet HTML 1Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 2Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 3Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 4Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 5Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE108539ZM+ Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
 
                                                                                                                    
ACE1085
                        Technology
3A Low Dropout Linear Regulator
VER 1.2
4
Thermal
Resistance
junction to case
θJC
TO-252
TO-263
TO-220
12.5
3
3
/W
Note1:The Parameters of Line Regulation and Load Regulation in Table1 are tested under constant junction temperature.
Note2:When Iout varies between 0~3A,Vin-Vout varies between 1.5V~6V under constant junction temperature, the parameter is
satisfied the criterion in table. If temperature varies between -50 ≤
TA≤140℃,it needs output current to be larger than 10mA to
satisfy the criterion.
Note3:Dropout Voltage is tested
under Iout=3A and
the following testing conditions: First step is to find out the Vout
value(Vout1) when Vin1=Vout+1.5V, second step is to decrease Vin(Vin2) until Vout value is equal to 99%*Vout1(Vout2).
Vdropout=Vin2-Vout2.
Note4:Minimum Load Current is defined as the minimum output current required to maintain regulation.
When 1.5V≦Vin-Vout≦6V,the device is guaranteed to regulate if the output current is greater than 10mA.
Detailed Description
ACE1085 is a series of low dropout voltage, three terminal regulators. Its application circuit is very simple:
the fixed version only needs two capacitors and the adjustable version only needs two resistors and two
capacitors to work. It is composed of some modules including start-up circuit, bias circuit, bandgap,
thermal shutdown, current limit, power transistors and its driver circuit and so on.
The thermal shut down and current limit modules can assure chip and its application system working
safety when the environment temperature is larger than 140℃ or output current is larger than 3.2A.
The bandgap module provides stable reference voltage, whose temperature coefficient is compensated
by careful design considerations. The temperature coefficient is under 100ppm/℃.And the accuracy of
output voltage is guaranteed by trimming technique.
Typical Application Circuit
ACE1085 has an adjustable version and fixed versions, Chart 1 is its typical application.
Vin
ACE1085
Vout
Vin
Vout
ADJ
R1
125 ohm
10uF
22uF
Tan
Tan
R2
Vout=Vref * (1+R2/R1)+Iadj * R2


유사한 부품 번호 - ACE108539ZM+

제조업체부품명데이터시트상세설명
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G15YM+H ACE-ACE1085G15YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G18YM+H ACE-ACE1085G18YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G25YM+H ACE-ACE1085G25YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
ACE1085G50YM+H ACE-ACE1085G50YM+H Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
More results

유사한 설명 - ACE108539ZM+

제조업체부품명데이터시트상세설명
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com