전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA1554Q 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA1554Q
상세설명  4 x 11 W single-ended or 2 x 22 W power amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1554Q 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA1554Q Datasheet HTML 1Page - NXP Semiconductors TDA1554Q Datasheet HTML 2Page - NXP Semiconductors TDA1554Q Datasheet HTML 3Page - NXP Semiconductors TDA1554Q Datasheet HTML 4Page - NXP Semiconductors TDA1554Q Datasheet HTML 5Page - NXP Semiconductors TDA1554Q Datasheet HTML 6Page - NXP Semiconductors TDA1554Q Datasheet HTML 7Page - NXP Semiconductors TDA1554Q Datasheet HTML 8Page - NXP Semiconductors TDA1554Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
May 1992
5
Philips Semiconductors
Product specification
4 x 11 W single-ended or 2 x 22 W power
amplifier
TDA1554Q
Fig.2 Power derating curve.
DC CHARACTERISTICS
VP = 14.4 V; Tamb = 25 °C; measurements taken using Fig.4; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage range
note 1
VP
6.0
14.4
18.0
V
Total quiescent current
Itot
80
160
mA
DC output voltage
note 2
VO
6.9
V
DC output offset voltage
|
∆V
O|
−−
100
mV
Mute/stand-by switch
Switch-on voltage level
VON
8.5
−−
V
Mute condition
Vmute
3.3
6.4
V
Output signal in mute
VI = 1 V (max);
position
f = 1 kHz
VO
−−
2mV
DC output offset voltage
(between pins 6 to 8 and 10 to 12)
|
∆V
O|
−−
100
mV
Stand-by condition
Vsb
0
2V
DC current in
stand-by condition
Isb
−−
100
µA
Switch-on current
Isw
12
40
µA


유사한 부품 번호 - TDA1554Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
More results

유사한 설명 - TDA1554Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA1554Q PHILIPS-TDA1554Q Datasheet
96Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1555Q PHILIPS-TDA1555Q Datasheet
112Kb / 11P
   4 x 11 W single-ended or 2 x 22 W power amplifier with distortion detector
May 1992
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
   26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com