전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA2616Q 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA2616Q
상세설명  2 x 12 W hi-fi audio power amplifiers with mute
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA2616Q 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA2616Q Datasheet HTML 1Page - NXP Semiconductors TDA2616Q Datasheet HTML 2Page - NXP Semiconductors TDA2616Q Datasheet HTML 3Page - NXP Semiconductors TDA2616Q Datasheet HTML 4Page - NXP Semiconductors TDA2616Q Datasheet HTML 5Page - NXP Semiconductors TDA2616Q Datasheet HTML 6Page - NXP Semiconductors TDA2616Q Datasheet HTML 7Page - NXP Semiconductors TDA2616Q Datasheet HTML 8Page - NXP Semiconductors TDA2616Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
July 1994
4
Philips Semiconductors
Product specification
2 x 12 W hi-fi audio power amplifiers with
mute
TDA2616/TDA2616Q
PINNING
SYMBOL
PIN
DESCRIPTION
−INV1
1
non-inverting input 1
MUTE
2
mute input
1/2VP/GND
3
1/2 supply voltage or ground
OUT1
4
output 1
−V
P
5
supply voltage (negative)
OUT2
6
output 2
+VP
7
supply voltage (positive)
INV1, 2
8
inverting inputs 1 and 2
−INV2
9
non-inverting input 2
Fig.2 Pin configuration.
handbook, halfpage
MCD372 - 1
1
2
3
4
5
6
7
8
9
P
+ V
OUT2
MUTE
INV2
TDA2616
/ GND
P
V
INV1
INV1, 2
OUT1
1/2 V
P
FUNCTIONAL DESCRIPTION
The TDA2616 is a hi-fi stereo amplifier designed for mains
fed applications, such as stereo radio and TV. The circuit
is optimally designed for symmetrical power supplies, but
is also well-suited to asymmetrical power supply systems.
An output power of 2
× 12 W (THD = 0.5%) can be
delivered into an 8
Ω load with a symmetrical power supply
of
±16 V. The gain is internally fixed at 30 dB, thus offering
a low gain spread and a very good gain balance between
the two amplifiers (0.2 dB).
A special feature is the input mute circuit. This circuit
disconnects the non-inverting inputs when the supply
voltage drops below
±6 V, while the amplifier still retains its
DC operating adjustment. The circuit features suppression
of unwanted signals at the inputs, during switch-on and
switch-off.
The mute circuit can also be activated via pin 2. When a
current of 300
µA is present at pin 2, the circuit is in the
mute condition.
The device is provided with two thermal protection circuits.
One circuit measures the average temperature of the
crystal and the other measures the momentary
temperature of the power transistors. These control
circuits attack at temperatures in excess of +150
°C, so a
crystal operating temperature of max. +150
°C can be
used without extra distortion.
With the derating value of 2.5 K/W, the heatsink can be
calculated as follows:
at RL = 8 Ω and VP = ±16 V, the measured maximum
dissipation is 14.6 W.
With a maximum ambient temperature of +65
°C, the
thermal resistance of the heatsink is:
The internal metal block has the same potential as pin 5.
R
th
150
65
14.6
----------------------
2.5
3.3 K/W.
==


유사한 부품 번호 - TDA2616Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA2616Q PHILIPS-TDA2616Q Datasheet
87Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
More results

유사한 설명 - TDA2616Q

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PA2616 UTC-PA2616_15 Datasheet
178Kb / 8P
   2 x 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
KODENSHI_AUK CORP.
KKA2616 KODENSHI-KKA2616 Datasheet
113Kb / 3P
   2 x 12 W Hi-Fi Audio Power Amplifiers with Mute
logo
Unisonic Technologies
PA2616 UTC-PA2616 Datasheet
183Kb / 8P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
Integral Corp.
ILA2616 INTEGRAL-ILA2616 Datasheet
119Kb / 3P
   2 X 12 W HI-FI AUDIO POWER AMPLIFIERS WITH MUTE
logo
NXP Semiconductors
TDA2616 PHILIPS-TDA2616 Datasheet
87Kb / 12P
   2 x 12 W hi-fi audio power amplifiers with mute
July 1994
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
   2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
   2 x 6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
   2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA7298 STMICROELECTRONICS-TDA7298 Datasheet
148Kb / 11P
   28W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
TDA2052 STMICROELECTRONICS-TDA2052_03 Datasheet
4Mb / 14P
   60W Hi-Fi AUDIO POWER AMPLIFIER WITH MUTE / STAND-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com