전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1301A-ADAVUA 데이터시트(PDF) 5 Page - Microchip Technology

부품명 TC1301A-ADAVUA
상세설명  Dual LDO with Microcontroller RESET Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1301A-ADAVUA 데이터시트(HTML) 5 Page - Microchip Technology

  TC1301A-ADAVUA Datasheet HTML 1Page - Microchip Technology TC1301A-ADAVUA Datasheet HTML 2Page - Microchip Technology TC1301A-ADAVUA Datasheet HTML 3Page - Microchip Technology TC1301A-ADAVUA Datasheet HTML 4Page - Microchip Technology TC1301A-ADAVUA Datasheet HTML 5Page - Microchip Technology TC1301A-ADAVUA Datasheet HTML 6Page - Microchip Technology TC1301A-ADAVUA Datasheet HTML 7Page - Microchip Technology TC1301A-ADAVUA Datasheet HTML 8Page - Microchip Technology TC1301A-ADAVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21798C-page 5
TC1301A/B
TEMPERATURE SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, all limits are specified for: VIN = +2.7V to +6.0V.
Parameters
Sym
Min
Typical
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TA
-40
+125
°C
Steady State
Storage Temperature Range
TA
-65
+150
°C
Maximum Junction Temperature
TJ
+150
°C
Transient
Thermal Package Resistances
Thermal Resistance, 8LD MSOP
θ
JA
208
°C/W
Typical 4-Layer Board
Thermal Resistance, 8LD DFN
θ
JA
41
°C/W
Typical 4-Layer Board with Vias


유사한 부품 번호 - TC1301A-ADAVUA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1301A-ADAVUA MICROCHIP-TC1301A-ADAVUA Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301A-ADAVUA MICROCHIP-TC1301A-ADAVUA Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
TC1301A-ADAVUATR MICROCHIP-TC1301A-ADAVUATR Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
More results

유사한 설명 - TC1301A-ADAVUA

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301B-DAAVUATR MICROCHIP-TC1301B-DAAVUATR Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
   Dual LDO Regulator with Reset Function
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
   Io=500mA LDO with Reset function
Ver.2016-04-05
logo
Semtech Corporation
SC1452 SEMTECH-SC1452 Datasheet
116Kb / 7P
   DUAL 150mA LDO REGULATOR WITH PROGRAMMABLE RESET
SC1452 SEMTECH-SC1452_06 Datasheet
288Kb / 15P
   Dual 150mA LDO Regulator with Programmable Reset
logo
Unisonic Technologies
LR6401 UTC-LR6401_12 Datasheet
421Kb / 8P
   DUAL CHANNEL LDO REGULATORS WITH ENABLE FUNCTION
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
APE8839A A-POWER-APE8839A_14 Datasheet
771Kb / 9P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com