전자부품 데이터시트 검색엔진 |
|
SA160CA 데이터시트(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD. |
|
SA160CA 데이터시트(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD. |
1 / 2 page CHENG- YI CHENG- YI ELECTRONIC FEATURES Plastic package has Underwrites Laboratory Flammability Classification 94V-O Glass passivated chip junction 500W Peak Pulse Power capability on 10/1000 s waveform Excellent clamping capability Repetition rate (duty cycle):0.01% Low incremental surge resistance Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirctional and 5.0ns for bidirctional types Typical ID less than 1 A above 10V High tempreature soldering guaranteed: 0 300 C/10 seconds .375", (9.5mm) lead length/51bs.,(2.3kg) tension MECHANICAL DATA Case:JEDEC DO-15 Molded plastic over passivated junction Terminals:Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity:Color band denotes positive end (cathode) except Bidirectionals types Mounting Position Weight:0.015 ounce, 0.4 gram VOLTAGE 6.8 to 144 VOLTS 400 WATT PEAK POWER 1.0 WATTS STEADY STATE GLASS PASSIVATED JUNCTION TRAN- SIENT VOLTAGE SUPPRESSOR GLASS PASSIVATED JUNCTION TRAN- SIENT VOLTAGE SUPPRESSOR MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS 0 Ratings at 25 C ambient temperature unless otherwise specified. RATINGS SYMBOL Operating Junction and Storage Temperature Range PPPM IPPM PM(AV0 IFSM TJ, TSTG VALUE Minimum 5000 70.0 1.0 SEE TABLE 1 -65 to + 175 Amps Amps UNITS 0 Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig.2 22 2. Measured on copper Leaf area of 1.57 in (40mm ) per Figure 5 3. 8.3ms single half sine-wave or equivalent square wave, Duty Cycle=4 pulses per minutes maximum. Watts Watts 0C Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Super- imposed on Rated Load, unidirrctional only (JEDEC Method)(NOTE 3) 0 Steady Power Dissipation at TL=75 C Lead Lengths .375",(9.5mm)(NOTE 2) Peak Pulse Power Dissipation on 10/1000 s waveform (NOTE 1,2,Fig.1) Peak Pulse Current of on 10/1000 s waveform (NOTE 1,Fig.3) DO-15 SA5.0 thru SA170CA |
유사한 부품 번호 - SA160CA |
|
유사한 설명 - SA160CA |