전자부품 데이터시트 검색엔진 |
|
ES636 데이터시트(PDF) 5 Page - Cyrustek corporation |
|
ES636 데이터시트(HTML) 5 Page - Cyrustek corporation |
5 / 13 page 09/02/16 5 ES636 True RMS-to-DC Converters Electrical Characteristics-ES636(continued) (TA= +25℃, Vs = +3V, -Vs = -3V, unless otherwise noted.) PARAMETER CONDITIONS MIN TYP MAX UNITS ERROR vs. CREST FACTOR Crest Factor 1 to 2 Specified Accuracy Crest Factor = 3 0.2 Additional Error Crest Factor = 6 0.5 ±% of Reading FREQUENCY RESPONSE (Note 2,4) VIN =35mV 75 VIN=100mV 99 Bandwidth for 1% Additional Error (0.09dB) VIN =400mV 560 kHz VIN =35mV 1.1 VIN =100mV 2.5 MHz ±3dB Bandwidth VIN =400mV 6.5 MHz INPUT CHARACTERISTICS Continuous RMS, All Supplies 0 to 400 mVRMS +3V, -5V Supplies ±2.8 ±2.5V Supplies ±2 Input Signal range Peak Transient ±5V Supplies ±5 VPK Safe Input All Supplies ±12 VPK Input Resistance 5.33 6.7 8 kΩ Input Offset Voltage ±0.5 mV OUTPUT CHARACTERISTICS (Note 1) TA=+25℃ ±0.5 mV TA =TMIN to TMAX ±10 μV/℃ Offset Voltage With Supply Voltage ±0.1 mV/V +3V, -3V Supplies 0 to 2 Output Voltage Swing ±5V to ±10V Supplies 0 to 1 1.5 V Output Resistance 8 10 12 kΩ dB OUTPUT ERROR 3mV ≦ VIN ≦ 1V ±0.3 ±0.5 dB Scale Factor -3 mV/dB %/℃ Scale Factor Tempco dB/℃ IREF 0dB=0.11VRMS 2 4 8 μA IREF Range 1 50 μA IOUT TERMINAL IOUT Scale Factor 125 μA/VRMS IOUT Scale Factor Tolerance -20 ±10 ±20 % Output Resistance 8 10 12 kΩ Voltage Compliance -Vs to (+Vs-2.0) V BUFFER AMPLIFIER Input and Output Voltage Range -Vs to (+Vs-2.0) V ±0.8 ±2 mV Input Offset Voltage Rs=10kΩ Input Current 100 300 nA Input Resistance 10 8 Ω Source +2 mA Output Current Sink -130 μA Short-Circuit Current 20 mA Small-Signal Bandwidth 1 MHz Slew Rate (Note 5) 3 V/μs |
유사한 부품 번호 - ES636_09 |
|
유사한 설명 - ES636_09 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |