전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES5108D 데이터시트(PDF) 1 Page - Cyrustek corporation

부품명 ES5108D
상세설명  ADC with serial output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5108D 데이터시트(HTML) 1 Page - Cyrustek corporation

  ES5108D Datasheet HTML 1Page - Cyrustek corporation ES5108D Datasheet HTML 2Page - Cyrustek corporation ES5108D Datasheet HTML 3Page - Cyrustek corporation ES5108D Datasheet HTML 4Page - Cyrustek corporation ES5108D Datasheet HTML 5Page - Cyrustek corporation ES5108D Datasheet HTML 6Page - Cyrustek corporation ES5108D Datasheet HTML 7Page - Cyrustek corporation ES5108D Datasheet HTML 8Page - Cyrustek corporation ES5108D Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
Features
Multi-function measurement system :
Analog to digital converter.
Short circuit beeper.
Frequency counter.
Frequency counter, auto range from 2KHz to
20MHz
Low battery detector.
Display hold and Max/Min.
Triplex LCD display.
Full 3 1/2-Digit Display.
Annunciators—Hold,
Max/Min,
KHz,
MHz, Low-bat, Continuance.
1 annunciator drive pin for unit display.
3 decimal point drivers with 3 independent
control pins.
Polarity driver.
Displays "OL" for input over range.
Provides serial data output.
Guaranteed zero reading with zero input.
True polarity indication for precision null detec-
tion.
Convenient 9V battery operation.
Low noise A/D converter:
Differential inputs, 1pA bias current.
Differential reference for ratiometric ohms.
On-chip voltage reference,
C
drift.
Low linearity error.
Description
The ES5108 is design for 3 1/2-Digit Digital Multi-
meter which combines an integrated A/D converter,
MAX/MIN, hold, short circuit beeper, low battery de-
tector, a frequency counter, and serial data output.
A ’HOLD’ input allows the ES5108 to hold the cur-
rent A/D readout or frequency readout. The frequency
counter is auto-ranging from 2KHz to 20MHz over a
five decade range with KHz and MHz annunciators.
Short circuit beeper will sound whenever the readout
is less than 30 after enabling the short circuit beeper.
This feature is useful in detecting short circuits without
watching the LCD.
The ES5108 provides 3 independent decimal point driv-
ing pins for the manufacturer to determine which deci-
mal point or unit is display, the 3 decimal point drivers
are built-in ES5108.
Application
Digital panel meters, digital multimeters, thermome-
ters, capacitance meters, pH meters, photometers, etc.
1
November 23, 2006


유사한 부품 번호 - ES5108D

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
ES5108F ETC1-ES5108F Datasheet
436Kb / 15P
   ADC with serial output
ES5108S ETC1-ES5108S Datasheet
436Kb / 15P
   ADC with serial output
More results

유사한 설명 - ES5108D

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
logo
Analog Devices
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com