전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES5108CE 데이터시트(PDF) 7 Page - Cyrustek corporation

부품명 ES5108CE
상세설명  ADC with serial output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5108CE 데이터시트(HTML) 7 Page - Cyrustek corporation

Back Button ES5108CE Datasheet HTML 3Page - Cyrustek corporation ES5108CE Datasheet HTML 4Page - Cyrustek corporation ES5108CE Datasheet HTML 5Page - Cyrustek corporation ES5108CE Datasheet HTML 6Page - Cyrustek corporation ES5108CE Datasheet HTML 7Page - Cyrustek corporation ES5108CE Datasheet HTML 8Page - Cyrustek corporation ES5108CE Datasheet HTML 9Page - Cyrustek corporation ES5108CE Datasheet HTML 10Page - Cyrustek corporation ES5108CE Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CYRUSTEK CO.
ES5108 3 1/2 Digit
ADC with serial output
continued from previous page
Pin No.
Symbol
Type
Description
34
BZOUT
O
Piezo buzzer output. Driving a buzzer at 2.5KHz audio frequency.
1. Whenever the readout is less than 30 and BZINS is connected to
V+, BZOUT will generate a 2.5 KHz sound output.
2. Whenever the BZINM is connected to V+ it will force the
BZOUT to generate 2.5KHz sound output.
35
BZINS
I
Buzzer control slave input.
This pin is internally pulled-down to
TEST1. See BZOUT
36
CLK
I
External clock input pin for serial data accessing.
37
SDO
O
Serial data output pin.
38
BZINM
I
Buzzer control master pin. This pin is internally pulled-down to TEST1.
See BZOUT
39
EOC
O
End of conversion indicator.
40
V-
P
Negative supply voltage. Connecting to battery negative terminal.
41
VINT
-
Integrator output.
42
VBUFF
-
Integration register connection.
43
CAZ
-
Auto-zero capacitor connection.
44
VIN-
I
Analog low input signal.
45
VIN+
I
Analog high input signal.
46
ANA-COM
O
Set the common-mode voltage for the system.
47
CREF-
-
Negative capacitor connection for on-chip A/D converter.
48
CREF+
-
Positive capacitor connection for on-chip A/D converter.
Note:
1. -/MHz for ES5108D
Absolute Maximum Ratings
Characteristic
Rating
Supply Voltage (V+ to V-)
12V
Analog Input Voltage (either input)
V+ to V-
Reference Input Voltage (either input)
V+ to V-
Clock Input
DGND to V+
Power Dissipation(plastic package)
800mW
Operating Temperature
C to
C
Storage Temperature
C to
C
Lead Temperature (soldering, 10sec)
C
Electrical Characteristics
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Units
DC Characteristics Zero In-
put Reading
, full-
scale=200.0mV
-000.0
+000.0
Digital Reading
continued on next page
7
November 23, 2006


유사한 부품 번호 - ES5108CE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
ES5108F ETC1-ES5108F Datasheet
436Kb / 15P
   ADC with serial output
ES5108S ETC1-ES5108S Datasheet
436Kb / 15P
   ADC with serial output
More results

유사한 설명 - ES5108CE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES5108 ETC1-ES5108 Datasheet
436Kb / 15P
   ADC with serial output
logo
Analog Devices
AD9239 AD-AD9239_17 Datasheet
1Mb / 41P
   Serial Output 1.8 V ADC
logo
Linear Technology
LTC2274 LINER-LTC2274 Datasheet
896Kb / 40P
   16-Bit, 105Msps Serial Output ADC
LTC2274 LINER-LTC2274_15 Datasheet
908Kb / 40P
   16-Bit, 105Msps Serial Output ADC
logo
Maxim Integrated Produc...
MAX1298 MAXIM-MAX1298_12 Datasheet
305Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 1; 3/12
MAX1298 MAXIM-MAX1298 Datasheet
259Kb / 20P
   12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 5/00
MAX1098-MAX1099 MAXIM-MAX1098-MAX1099 Datasheet
240Kb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
Rev 0; 7/00
MAX1098 MAXIM-MAX1098_V01 Datasheet
2Mb / 20P
   10-Bit Serial-Output Temperature Sensors with 5-Channel ADC
2012
logo
Linear Technology
LTC2273 LINER-LTC2273 Datasheet
765Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
LTC2272 LINER-LTC2272_15 Datasheet
777Kb / 44P
   16-Bit, 80Msps/65Msps Serial Output ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com