전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES5120AQ 데이터시트(PDF) 9 Page - Cyrustek corporation

부품명 ES5120AQ
상세설명  3 3/4 DIGIT A/D CONVERTER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5120AQ 데이터시트(HTML) 9 Page - Cyrustek corporation

Back Button ES5120AQ Datasheet HTML 5Page - Cyrustek corporation ES5120AQ Datasheet HTML 6Page - Cyrustek corporation ES5120AQ Datasheet HTML 7Page - Cyrustek corporation ES5120AQ Datasheet HTML 8Page - Cyrustek corporation ES5120AQ Datasheet HTML 9Page - Cyrustek corporation ES5120AQ Datasheet HTML 10Page - Cyrustek corporation ES5120AQ Datasheet HTML 11Page - Cyrustek corporation ES5120AQ Datasheet HTML 12Page - Cyrustek corporation ES5120AQ Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ES5120
3 3/4 DIGIT A/D CONVERTER
Pin No. Pin No.
(40-pin (44-pin Flat Package) Package) Symbol Descrlption
12
7
BC1BT
LCD segment drive for"b"and"c"segments of LSD and "low
battery".
13
8
BP3
LCD backplane #3.
14
9
BP2
LCD backplane #2.
15
10
BP1
LCD backplane #1.
11
VDISP
Sets peak LCD drive signal : VPEAK=(V+)-VDISP may also be set to
compensate for temperature variation of LCD crystal threshold
voltage.(default: The VDISP pin is connected to DGND.)
16
12
DGND
Internal logic digital ground, the logic "O" level. Nominally 4.7V
below V+
17
13
ANNUNC Square wave output at the backplane frequency, synchronized to
BP1 ANNUNC can be used to control display annunciators.
Connecting an LCD segment to ANNUNC turns it on; connecting it
to its backplane turns it off.
18
14
LOGIC
"Logic Mode" control input. When connected to V+ the converter
is in logic mode. The LCD displays "OL" and the decimal point
inputs control the "high" and "low" annunciators. When the "low"
annunciator is on, the buzzer will also be on. When unconnected or
connected to DGND, the ES5120 is in the voltage frequency
measurement mode. This pin has a 5μA internal pulldown to
DGND.


유사한 부품 번호 - ES5120AQ

제조업체부품명데이터시트상세설명
logo
ESS Technology,Inc
ES5120AQ ESS-ES5120AQ Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
More results

유사한 설명 - ES5120AQ

제조업체부품명데이터시트상세설명
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Microchip Technology
TC820 MICROCHIP-TC820 Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
TelCom Semiconductor, I...
TC820 TELCOM-TC820 Datasheet
275Kb / 22P
   3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com