전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES5136Q 데이터시트(PDF) 10 Page - Cyrustek corporation

부품명 ES5136Q
상세설명  3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5136Q 데이터시트(HTML) 10 Page - Cyrustek corporation

Back Button ES5136Q Datasheet HTML 6Page - Cyrustek corporation ES5136Q Datasheet HTML 7Page - Cyrustek corporation ES5136Q Datasheet HTML 8Page - Cyrustek corporation ES5136Q Datasheet HTML 9Page - Cyrustek corporation ES5136Q Datasheet HTML 10Page - Cyrustek corporation ES5136Q Datasheet HTML 11Page - Cyrustek corporation ES5136Q Datasheet HTML 12Page - Cyrustek corporation ES5136Q Datasheet HTML 13Page - Cyrustek corporation ES5136Q Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ES5136
3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
10
4.Phase 4, Zero Integrate (ZI)
During zero integrating, the reference capacitor is charged to the
reference voltage and input low is shorted to analog common. At the
same time, a feedback loop is closed around the system to input high
to cause the integrator output to return to zero so that the overrange
hangover of the integral capacitor can be eliminated.
5.Differential Input
The input voltage can be any differential voltages, but must be within
the common mode range of the input amplifier(buffer). The voltage
range is from 0.5 volts below the positive supply to 1.0 volt above the
negative supply. In this range the CMRR of the system is 86dB
typical. Since the integrator swings with the common mode voltage, it
must be assured that the integrator output does not saturate.
6.Differential Reference
The reference inputs are floating, and the only restriction on the
applied voltage is that it should lie in the range of the owner supply
voltage of the converter. The roll- over voltage caused by the reference
capacitor losing or gaining charge to stray capacity on its nodes is the
main source of common mode error. In a large common mode
condition, the reference capacitor will gain extral charge(increase
voltage)when deintegrates a positive signal but lose charge(decrease
voltage)when deintegrates a negative input signal. The difference in
reference for positive or negative input signal will give a roll-over
error. By selecting the reference capacitor large enough in comparison
to the stray capacitance, this error can be held to less than 0.5 count for
the worst case condition.


유사한 부품 번호 - ES5136Q

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results

유사한 설명 - ES5136Q

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
   3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com