전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51921 데이터시트(PDF) 6 Page - Cyrustek corporation

부품명 ES51921
상세설명  22,000 Counts Auto DMM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51921 데이터시트(HTML) 6 Page - Cyrustek corporation

Back Button ES51921 Datasheet HTML 2Page - Cyrustek corporation ES51921 Datasheet HTML 3Page - Cyrustek corporation ES51921 Datasheet HTML 4Page - Cyrustek corporation ES51921 Datasheet HTML 5Page - Cyrustek corporation ES51921 Datasheet HTML 6Page - Cyrustek corporation ES51921 Datasheet HTML 7Page - Cyrustek corporation ES51921 Datasheet HTML 8Page - Cyrustek corporation ES51921 Datasheet HTML 9Page - Cyrustek corporation ES51921 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Ver. 3.0
08/09/10
6
ES51921
22,000 Counts Auto DMM
Open circuit voltage for Ω
measurement (except 220Ω)
Ω
and Continuity
Mode
-0.58
-0.53
-0.48
V
Internal pull-low to V-
current
Between GND Pin
and SLACDC
1.5
µA
±1%
40-400
AC frequency response at 2.2000V
range
±5%
400-2000
HZ
3dB frequency for LPF mode
3rd order LPF
800
1000
1200
Hz
Reference voltage temperature
coefficient
TCRF
100KΩ
resister
Between
VRH
0℃<TA<70℃
75
ppm/℃
-1.0
1.0
%
22nF – 220nF
-10
10
counts
-1.0
1.0
%
2.2µF
-10
10
counts
-2.0
2.0
%
Capacitance measurement accuracy2
22µF~220mF
20
20
counts
Note
:
1.Full Scale
2.Above specification from 22nF to 2.2uF ranges are specified under REL mode. The
reading is calibrated to zero by relative function, when input is floating.
Function Description
1.
Operating Modes
1.1 Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in voltage
measurement mode. The following table summarizes the full-scale ranges in each
configuration.
Configuration Full Scale Range Divider Ratio Resistor Connection
Input Pin
VR1
220.00mV1
1
-
V220m V.S. SGND
VR2
2.2000V
1/10
R2 / (R1+R2)
VR1 V.S. SGND
VR3
22.000V
1/100
R3 / (R1+R3)
VR1 V.S. SGND
VR4
220.00V2
1/1000
R4 / (R1+R4)
VR1 V.S. SGND
VR5
2200.0V
1/10000
R5 / (R1+R5)
VR1 V.S. SGND
Note:
1.
220.00mV range is independent and manual mode. The input pin is different from other voltage
ranges.
2.
If VST is set to V- level, the auto range mode will start from 220.00V range. 2.2000V – 22.000V
ranges only exist in manual mode.


유사한 부품 번호 - ES51921

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
More results

유사한 설명 - ES51921

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51931 CYRUSTEK-ES51931 Datasheet
628Kb / 34P
   22,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com