전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51927 데이터시트(PDF) 8 Page - Cyrustek corporation

부품명 ES51927
상세설명  6000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51927 데이터시트(HTML) 8 Page - Cyrustek corporation

Back Button ES51927 Datasheet HTML 4Page - Cyrustek corporation ES51927 Datasheet HTML 5Page - Cyrustek corporation ES51927 Datasheet HTML 6Page - Cyrustek corporation ES51927 Datasheet HTML 7Page - Cyrustek corporation ES51927 Datasheet HTML 8Page - Cyrustek corporation ES51927 Datasheet HTML 9Page - Cyrustek corporation ES51927 Datasheet HTML 10Page - Cyrustek corporation ES51927 Datasheet HTML 11Page - Cyrustek corporation ES51927 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Ver 2.7
8
07/10/03
ES51927
6000 Counts Smart DMM
1.2 Current Measurement
1.2.1 For multi-meter application
ES51927 has 2 automatic and 1 manual current measurement modes for multi-
meter. The following table summarizes the full-scale range of each mode. When
ES51927 operates in the current measurement modes for multi-meter, it takes
high input from pin IVSH or IVSL, low input from pin SGND and reference
voltage from pin VR.
Mode
Full Scale
Input Terminal
Full scale
Automatic1
600.0µA / 6000µA
IVSL/IVSH V.S. SGND
300.0mV
Automatic2
60.00mA / 600.0mA
IVSL/IVSH V.S. SGND
300.0mV
Manual
60.00A
IVSH V.S. SGND
300.0mV
1.2.2 For clamp meter application
ES51927 has 2 automatic and 4 manual current measurement modes for Clamp
meter. The following table summarizes the full-scale range of each mode. When
ES51927 operate in the automatic mode1&2, it takes high input from
IVSH/IVSL (higher range/lower range), low input from SGND and reference
voltage from VR. When ES51927 operate in the manual mode1~4, it takes high
input from ADP, low input from SGND and reference voltage from VA+ & VA-.
Mode
Full Scale
Input Terminal
Full scale
Automatic1
600.0A / 6000A
IVSL/IVSH V.S. SGND
600.0mV
Automatic2
60.00A / 600.0A
IVSL/IVSH V.S. SGND
600.0mV
Manual1
6.000A
ADP V.S. SGND
600.0mV
Manual2
60.00A
ADP V.S. SGND
600.0mV
Manual3
600.0A
ADP V.S. SGND
600.0mV
Manual4
6000A
ADP V.S. SGND
600.0mV


유사한 부품 번호 - ES51927

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
More results

유사한 설명 - ES51927

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com