전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51964 데이터시트(PDF) 9 Page - Cyrustek corporation

부품명 ES51964
상세설명  Dual Display
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51964 데이터시트(HTML) 9 Page - Cyrustek corporation

Back Button ES51964 Datasheet HTML 5Page - Cyrustek corporation ES51964 Datasheet HTML 6Page - Cyrustek corporation ES51964 Datasheet HTML 7Page - Cyrustek corporation ES51964 Datasheet HTML 8Page - Cyrustek corporation ES51964 Datasheet HTML 9Page - Cyrustek corporation ES51964 Datasheet HTML 10Page - Cyrustek corporation ES51964 Datasheet HTML 11Page - Cyrustek corporation ES51964 Datasheet HTML 12Page - Cyrustek corporation ES51964 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
v2.5
09/04/14
9
ES51964(6600counts)
Dual Display
2.2 Resistance Measurement
A re-configurable divider automatically provides a suitable full-scale range in resistance
measurement mode. The following table summarizes the full-scale ranges and the reference
resistors in each configuration. When the function code is set to FC1~5=(0,1,0,1,0),
ES51964 enters the resistance mode for clampmeter. It only has 3 ranges from 660.0Ω to
66.00KΩ.
Configuration
Full Scale Range
Relative Resistor
Equivalent value
OR1
660.0Ω
OR1
100Ω
OR2
6.600KΩ
VR5
1KΩ
OR3
66.00KΩ
VR4 || VR1
10KΩ
OR4
660.0KΩ
VR3 || VR1
100KΩ
OR5
6.600MΩ
VR2 || VR1
1MΩ
OR6
66.00MΩ
VR1
10MΩ
2.3 Current measurement for multimeter
ES51964 has 2 automatic and 1 manual current measurement modes for multimeter. The
following table summarizes the full-scale range of each mode. When ES51964 operates in
the current measurement modes for multimeter, It takes high input from pin IVSH or IVSL,
low input from pin SGND with full scale 66mV and reference voltage from pin VR
(-400mV).
Mode
FC1~4
1VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
1
660.0µA / 6600µA
IVSL/IVSH V.S. SGND (66mV)
Automatic2
1,1,1,1
1
66.00mA / 660.0mA
IVSL/IVSH V.S. SGND (66mV)
Manual
0,0,0,0
X
66.00A
IVSH V.S. SGND (66mV)
Note:
1. Connect VBAR to V- will disable the “µ2” / ”m2” symbol on LCD panel.


유사한 부품 번호 - ES51964

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
logo
List of Unclassifed Man...
ES51961 ETC1-ES51961 Datasheet
1Mb / 24P
   3 3/4 MANU DMM
logo
Cyrustek corporation
ES51961 CYRUSTEK-ES51961 Datasheet
456Kb / 26P
   3 3/4 MANU DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
More results

유사한 설명 - ES51964

제조업체부품명데이터시트상세설명
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
   Dual Display/Inrush
logo
List of Unclassifed Man...
C-302H ETC1-C-302H Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
C-562X ETC-C-562X Datasheet
111Kb / 1P
   DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com