전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ES51991 데이터시트(PDF) 6 Page - Cyrustek corporation

부품명 ES51991
상세설명  11,000 Counts ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYRUSTEK [Cyrustek corporation]
홈페이지  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51991 데이터시트(HTML) 6 Page - Cyrustek corporation

Back Button ES51991 Datasheet HTML 2Page - Cyrustek corporation ES51991 Datasheet HTML 3Page - Cyrustek corporation ES51991 Datasheet HTML 4Page - Cyrustek corporation ES51991 Datasheet HTML 5Page - Cyrustek corporation ES51991 Datasheet HTML 6Page - Cyrustek corporation ES51991 Datasheet HTML 7Page - Cyrustek corporation ES51991 Datasheet HTML 8Page - Cyrustek corporation ES51991 Datasheet HTML 9Page - Cyrustek corporation ES51991 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
06/09/20
6
ES51991
11,000 Counts ADC
2. Component Value Selection for ADC
For various application requirements on conversion rate and input full range, we
suggest nominal values for external components of ADC in Figure 1 to obtain better
performance. Under default condition with operating clock = 12 MHz:
(1) conversion rate = 8 times/sec
(2) reference voltage = -100 mV
(3) input signal full scale = 110 mV (sensitivity = 10 uV)
We suggest that Cint = 68 nF, Buf = 56 k
If a user selects a different conversion rate rather than default, the integration
capacitor Cint value must be changed according to the following rule for better
performance:
Cint
× (conversion rate) = (68 nF) × (8 times/sec).
A smaller Cint reduces the input full range. However a larger Cint might have
weaker noise immunity than the suggested one.
A user could enlarge the input full range by changing reference voltage (Vref) and
the amount of integration resistor (Buf). For example, if Vref & Buf are enlarged as
twice than the default values then the input full range becomes 220 mV. The input full
range can be enlarged up to 1.1V (10 times than the default case). We list general rules
in below which might be helpful in determining component values.
Buf / (reference voltage) = 56 k
Ω / (-100 mV)


유사한 부품 번호 - ES51991

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
More results

유사한 설명 - ES51991

제조업체부품명데이터시트상세설명
logo
Cyrustek corporation
ES51992 CYRUSTEK-ES51992 Datasheet
398Kb / 17P
   11,000 Counts ADC
ES51993 CYRUSTEK-ES51993 Datasheet
411Kb / 18P
   11,000 Counts ADC
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
   22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com