전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS512MDOM40V 데이터시트(PDF) 4 Page - Transcend Information. Inc.

부품명 TS512MDOM40V
상세설명  40-Pin IDE Flash Module
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MDOM40V 데이터시트(HTML) 4 Page - Transcend Information. Inc.

  TS512MDOM40V Datasheet HTML 1Page - Transcend Information. Inc. TS512MDOM40V Datasheet HTML 2Page - Transcend Information. Inc. TS512MDOM40V Datasheet HTML 3Page - Transcend Information. Inc. TS512MDOM40V Datasheet HTML 4Page - Transcend Information. Inc. TS512MDOM40V Datasheet HTML 5Page - Transcend Information. Inc. TS512MDOM40V Datasheet HTML 6Page - Transcend Information. Inc. TS512MDOM40V Datasheet HTML 7Page - Transcend Information. Inc. TS512MDOM40V Datasheet HTML 8Page - Transcend Information. Inc. TS512MDOM40V Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e
1
1
12
2
28
8
8M
M
MB
B
B ~
~
~ 8
8
8G
G
GB
B
B
Transcend Information Inc.
Ver 1.7
4
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
VDD-VSS
DC Power Supply
-0.6
+6
V
Ta
Operating Temperature
0
+70
°C
Tst
Storage Temperature
-40
+85
°C
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Units
VDD
Power supply
3.0
5.5
V
VIN
Input voltage
0
VDD+0.3
V
Ta
Operating Temperature
0
+70
°C
DC Characteristics (Ta=0 oC to +70 oC, Vcc = 3.3V ±10%)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VIH
--
2
--
--
V
Input Voltage
VIL
--
--
--
0.2 x Vcc
V
VOH
IOH = 4,8mA
Vcc – 0.8
--
--
V
Output Voltage
VOL
IOL = 4,8mA
--
--
0.4
V
Input leakage current
ILK
VIH = VDD / VIL = GND
-1
--
1
uA
Sleep current
ISP
--
--
0.5
1
mA


유사한 부품 번호 - TS512MDOM40V

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS512MDOM40V-S TRANSCEND-TS512MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
More results

유사한 설명 - TS512MDOM40V

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
TS64MDOM40V TRANSCEND-TS64MDOM40V Datasheet
160Kb / 8P
   40-Piin IDE Fllassh Module
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
   SATA to IDE (44-pin) Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com