전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS4GJF130 데이터시트(PDF) 1 Page - Transcend Information. Inc.

부품명 TS4GJF130
상세설명  4GB USB2.0 JetFlash?
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GJF130 데이터시트(HTML) 1 Page - Transcend Information. Inc.

  TS4GJF130 Datasheet HTML 1Page - Transcend Information. Inc. TS4GJF130 Datasheet HTML 2Page - Transcend Information. Inc. TS4GJF130 Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T
T
TS
S
S4
4
4G
G
GJ
J
JF
F
F1
1
13
3
30
0
0
4GB USB2.0 JetFlash
Transcend Information Inc.
1
Description
TS4GJF130 is a 4GB USB Flash Drive with 1 pcs of
4Gx8 Flash Memory assembled on a printed circuit
board.
Outline
Features
• Frame Color: Green
• USB 2.0 compatible, true Plug and Play
• Powered directly via the USB port. No external power or
battery needed
• LED indicates the usage status of JetFlash™
• JetFlash elite software pack includes (Windows
2000/XP/Vista/Windows 7 only):
Favorites Function: store all your favorite website addresses on
the JetFlash™
AutoLogin Function: automatically login to websites where you
have a password
Secret-Zip Function: compress and/or password protect saved
files using 256-bit AES encryption
PC-Lock Function: makes JetFlash™ a key to your computer
E-Mail Function: use your JetFlash™ to securely send, receive
and save e-mails
DataBackup Function: backup, restore and synchronize your
data
System Requirement
Hardware: Desktop or notebook computer with USB
port
• Operating System: Windows
® 2000 SP4, Windows® XP SP2,
Windows
® Vista, Windows® 7 and Mac™ OS 9.0 or later,
Linux™ Kernel 2.4.2 or later
Dimensions
Side
Millimeters
Inches
A
60 ± 1.00
2.36 ± 0.04
B
16.5 ± 1.00
0.67 ± 0.04
C
8.1 ± 1.00
0.32 ± 0.04


유사한 부품 번호 - TS4GJF130

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS4GJF110 TRANSCEND-TS4GJF110 Datasheet
95Kb / 2P
   4GB USB2.0 JetFlash??10
TS4GJF150 TRANSCEND-TS4GJF150 Datasheet
76Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF160 TRANSCEND-TS4GJF160 Datasheet
60Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF185 TRANSCEND-TS4GJF185 Datasheet
55Kb / 3P
   4GB USB2.0 JetFlash?
More results

유사한 설명 - TS4GJF130

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS4GJF150 TRANSCEND-TS4GJF150 Datasheet
76Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF185 TRANSCEND-TS4GJF185 Datasheet
55Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF160 TRANSCEND-TS4GJF160 Datasheet
60Kb / 3P
   4GB USB2.0 JetFlash?
TS4GJF220 TRANSCEND-TS4GJF220 Datasheet
58Kb / 2P
   4GB USB2.0 JetFlash??20
TS4GJFV15 TRANSCEND-TS4GJFV15 Datasheet
72Kb / 2P
   4GB USB2.0 JetFlash?줧15
TS4GJFV10 TRANSCEND-TS4GJFV10 Datasheet
71Kb / 2P
   4GB USB2.0 JetFlash?줧10
TS4GJFV35 TRANSCEND-TS4GJFV35 Datasheet
56Kb / 2P
   4GB USB2.0 JetFlash?줧35
TS4GJFV90C TRANSCEND-TS4GJFV90C Datasheet
45Kb / 2P
   4GB USB2.0 JetFlash?줧90C
TS4GJFT3 TRANSCEND-TS4GJFT3 Datasheet
56Kb / 2P
   4GB USB2.0 JetFlash?줥3
TS4GJFV33 TRANSCEND-TS4GJFV33 Datasheet
51Kb / 2P
   4GB USB2.0 JetFlash?줧33
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com