전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS512MJFV30 데이터시트(PDF) 2 Page - Transcend Information. Inc.

부품명 TS512MJFV30
상세설명  512MB USB2.0 JetFlash?줧30
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MJFV30 데이터시트(HTML) 2 Page - Transcend Information. Inc.

  TS512MJFV30 Datasheet HTML 1Page - Transcend Information. Inc. TS512MJFV30 Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T
T
TS
S
S5
5
51
1
12
2
2M
M
MJ
J
JF
F
FV
V
V3
3
30
0
0
512MB USB2.0 JetFlash™V30
Transcend Information Inc.
2
Pinouts
Pin No.
Pin Name
Function
01
VCC
USB power input
02
USB-
03
USB+
USB
differential
signal
04
VSS
Ground
Specifications
Storage Capacity
512MB**
Data Retention
10 years
Erase Cycles
>10,000 times
Connector Durability
10,000 times
System Performance
Read: 16MB/sec (max.), Write: 2MB/sec (max.)
Wear-leveling
Dynamic
Power Supply
DC 5V
±10%, Max current : 200 mA
Temperature Range
Operation: 0-70
o
C, Non-Operating: -20
o
C-75
o
C
Certificates
CE, FCC, BSMI, C-tick, KCC
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no
warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with the use of this product.
Transcend reserves the right to make changes in specifications at any time without prior notice.
* 1MB = 1 million bytes. A certain portion of the storage capacity may be reserved for firmware and maintenance use.


유사한 부품 번호 - TS512MJFV30

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
TS512MJFV30 VECTRON-TS512MJFV30 Datasheet
136Kb / 4P
   512MB USB2.0 JetFlash V30
More results

유사한 설명 - TS512MJFV30

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS2GJFV30 TRANSCEND-TS2GJFV30 Datasheet
58Kb / 2P
   2GB USB2.0 JetFlash?줧30
TS8GJFV30 TRANSCEND-TS8GJFV30 Datasheet
53Kb / 2P
   8GB USB2.0 JetFlash?줧30
TS1GJFV30 TRANSCEND-TS1GJFV30 Datasheet
60Kb / 2P
   1GB USB2.0 JetFlash?줧30
TS4GJFV30 TRANSCEND-TS4GJFV30 Datasheet
59Kb / 2P
   4GB USB2.0 JetFlash?줧30
TS16GJFV30 TRANSCEND-TS16GJFV30 Datasheet
62Kb / 2P
   16GB USB2.0 JetFlash?줧30
TS512MJF160 TRANSCEND-TS512MJF160 Datasheet
61Kb / 3P
   512MB USB2.0 JetFlash?
TS512MJFV60 TRANSCEND-TS512MJFV60 Datasheet
77Kb / 3P
   512MB USB2.0 JetFlash?
TS512MJF150 TRANSCEND-TS512MJF150 Datasheet
71Kb / 3P
   512MB USB2.0 JetFlash?
logo
Vectron International, ...
TS512MJF130 VECTRON-TS512MJF130 Datasheet
110Kb / 4P
   512MB USB2.0 JetFlash
logo
Transcend Information. ...
TS512MJF130 TRANSCEND-TS512MJF130 Datasheet
81Kb / 3P
   512MB USB2.0 JetFlash?
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com