전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS2GSSD10-M 데이터시트(PDF) 11 Page - Transcend Information. Inc.

부품명 TS2GSSD10-M
상세설명  1.0??Solid State Disk
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GSSD10-M 데이터시트(HTML) 11 Page - Transcend Information. Inc.

Back Button TS2GSSD10-M Datasheet HTML 3Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 4Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 5Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 6Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 7Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 8Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 9Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 10Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M ~
~
~ T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M
1.0” Solid State Disk
Transcend Information Inc.
V1.6
11
Ordering Information
Ordering Information
Ordering Information
Ordering Information
The above technical information is based on industry standard data and has been tested to be reliable. However,
Transcend makes no warranty, either expressed or implied, as to its accuracy and assumes no liability in connection with
the use of this product. Transcend reserves the right to make changes to the specifications at any time without prior notice.
JAPAN
E-mail: sales@transcend.co.jp
www.transcend.jp
CHINA
E-mail: sales@transcendchina.com
www.transcendchina.com
GERMANY
E-mail: vertrieb@transcend.de
www.transcend.de
HONG KONG
E-mail: sales@transcend.com.hk
www.transcendchina.com
TAIWAN
No.70, XingZhong Rd., NeiHu Dist., Taipei, Taiwan, R.O.C
TEL +886-2-2792-8000
Fax +886-2-2793-2222
E-mail: sales@transcend.com.tw
www.transcend.com.tw
Korea
E-mail: sales@transcend.co.kr
www.transcend.co.kr
THE NETHERLANDS
E-mail: sales@transcend.nl
www.transcend.nl
USA
Los Angeles:
E-mail: sales@transcendusa.com
Maryland:
E-mail: sales_md@transcendusa.com
www.transcendusa.com
United Kingdom
E-mail: sales@transcend-uk.com
www.transcend-uk.com
TS XG SSD XX
Capacity:
2G-32G = 2 GB up to 32 GB
Solid State Disk
Transcend Product
Form Factor
10
= 1” (SLC)
10-M = 1” (MLC)
10-I = 1” Industrial (SLC)


유사한 부품 번호 - TS2GSSD10-M

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
   2GB 150x Secure Digital Card
logo
Transcend Information. ...
TS2GSD150 TRANSCEND-TS2GSD150 Datasheet
356Kb / 17P
   2GB 150x Secure Digital Card
TS2GSD80I TRANSCEND-TS2GSD80I Datasheet
265Kb / 11P
   80x Industrial Secure Digital Card
TS2GSDC TRANSCEND-TS2GSDC Datasheet
198Kb / 7P
   Secure Digital Card
More results

유사한 설명 - TS2GSSD10-M

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com