전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS4GSSD10-M 데이터시트(PDF) 7 Page - Transcend Information. Inc.

부품명 TS4GSSD10-M
상세설명  1.0??Solid State Disk
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSSD10-M 데이터시트(HTML) 7 Page - Transcend Information. Inc.

Back Button TS4GSSD10-M Datasheet HTML 3Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 4Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 5Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 6Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 7Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 8Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 9Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 10Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M ~
~
~ T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M
1.0” Solid State Disk
Transcend Information Inc.
V1.6
7
Command Set
Command Set
Command Set
Command Set
Command
Code
FR
SC
SN
CY
DH
LBA
Status
Note
1
Check Power Mode
E5 or 98h
Y
Support
2
Execute Drive Diagnostic
90h
Y
Support
3
Erase Sector
C0h
Y
Y
Y
Y
Y
Support
4
Flush Cache
E7h
Y
Support
5
Format Track
50h
Y
Y
Y
Y
Support
6
Identify Device
ECh
Y
Support
7
Idle
E3h or 97h
Y
Y
Support
8
Idle Immediate
E1h or 95h
Y
Support
9
Initialize Drive Parameters
91h
Y
Y
Support
10
Key Management
Structure Read
B9 (Feature
0-127)
Y
Y
Y
Y
Y
NOT Support
#1
11
Key Management Read
Keying Material
B9 (Feature
80)
Y
Y
Y
Y
Y
NOT Support
#1
12
Key Management Change
Key Management Value
B9 (Feature
81)
Y
Y
Y
Y
Y
NOT Support
#1
13
NOP
00h
Y
NOT Support
14
Read Buffer
E4h
Y
Support
15
Read DMA
C8h
Y
Y
Y
Y
Y
Support
16
Read Long Sector
22h or 23h
Y
Y
Y
Y
NOT Support
#2
17
Read Multiple
C4h
Y
Y
Y
Y
Y
Support
18
Read Sector(s)
20h or 21h
Y
Y
Y
Y
Y
Support
19
Read Verify Sector(s)
40h or 41h
Y
Y
Y
Y
Y
Support
20
Recalibrate
1Xh
Y
Support
21
Request Sense
03h
Y
Support
22
Security Disable Password
F6h
Y
Support
23
Security Erase Prepare
F3h
Y
Support
24
Security Erase Unit
F4h
Y
Support
25
Security Freeze Lock
F5h
Y
Support
26
Security Set Password
F1h
Y
Support
27
Security Unlock
F2h
Y
Support


유사한 부품 번호 - TS4GSSD10-M

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
More results

유사한 설명 - TS4GSSD10-M

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com