전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS4GSDHC10 데이터시트(PDF) 11 Page - Transcend Information. Inc.

부품명 TS4GSDHC10
상세설명  4~16GB High Capacity Secure Digital Card
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC10 데이터시트(HTML) 11 Page - Transcend Information. Inc.

Back Button TS4GSDHC10 Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDHC10 Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDHC10 Datasheet HTML 9Page - Transcend Information. Inc. TS4GSDHC10 Datasheet HTML 10Page - Transcend Information. Inc. TS4GSDHC10 Datasheet HTML 11Page - Transcend Information. Inc. TS4GSDHC10 Datasheet HTML 12Page - Transcend Information. Inc. TS4GSDHC10 Datasheet HTML 13Page - Transcend Information. Inc. TS4GSDHC10 Datasheet HTML 14Page - Transcend Information. Inc. TS4GSDHC10 Datasheet HTML 15Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
S
S
SD
D
DH
H
HC
C
C1
1
10
0
0 C
C
Ca
a
arrrd
d
d s
s
se
e
errriiie
e
es
s
s
4~16GB High Capacity Secure Digital Card
Transcend Information Inc.
11
Register Information
Within the card interface six registers are defined: OCR, CID, CSD, RCA, DSR and SCR. These can be accessed only
by corresponding commands. The OCR, CID, CSD and SCR registers carry the card/content specific information,
while the RCA and DSR registers are configuration registers storing actual configuration parameters.
1. OCR register
The 32-bit operation conditions register stores the VDD voltage profile of the card. Additionally, this register includes
status information bits. One status bit is set if the card power up procedure has been finished. This register includes
another status bit indicating the card capacity status after set power up status bit. The OCR register shall be
implemented by the cards. The 32-bit operation conditions register stores the VDD voltage profile of the card. Bit 7 of
OCR is newly defined for Dual Voltage Card and set to 0 in default. If a Dual Voltage Card does not receive CMD8,
OCR bit 7 in the response indicates 0, and the Dual Voltage Card which received CMD8, sets this bit to 1.
Additionally, this register includes 2 more status information bits.
Bit 31 - Card power up status bit, this status bit is set if the card power up procedure has been finished.
Bit 30 - Card Capacity Status bit, 0 indicates that the card is SDSC. 1 indicates that the card is SDHC or SDXC. The
Card Capacity Status bit is valid after the card power up procedure is completed and the card power up
status
The OCR register shall be implemented by the cards.
OCR Register Definition


유사한 부품 번호 - TS4GSDHC10

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
More results

유사한 설명 - TS4GSDHC10

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
   8GB 150X High Capacity Secure Digital Card
TS16GUSDHC6 TRANSCEND-TS16GUSDHC6 Datasheet
596Kb / 26P
   16GB High Capacity microSD Card
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
logo
Tyco Electronics
2041021 MACOM-2041021 Datasheet
151Kb / 3P
   SECURE DIGITAL CARD CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com