전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS32GSSD25S-M 데이터시트(PDF) 4 Page - Transcend Information. Inc.

부품명 TS32GSSD25S-M
상세설명  2.5??Solid State Disk
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRANSCEND [Transcend Information. Inc.]
홈페이지  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS32GSSD25S-M 데이터시트(HTML) 4 Page - Transcend Information. Inc.

  TS32GSSD25S-M Datasheet HTML 1Page - Transcend Information. Inc. TS32GSSD25S-M Datasheet HTML 2Page - Transcend Information. Inc. TS32GSSD25S-M Datasheet HTML 3Page - Transcend Information. Inc. TS32GSSD25S-M Datasheet HTML 4Page - Transcend Information. Inc. TS32GSSD25S-M Datasheet HTML 5Page - Transcend Information. Inc. TS32GSSD25S-M Datasheet HTML 6Page - Transcend Information. Inc. TS32GSSD25S-M Datasheet HTML 7Page - Transcend Information. Inc. TS32GSSD25S-M Datasheet HTML 8Page - Transcend Information. Inc. TS32GSSD25S-M Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
T
T
TS
S
S8
8
8G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S
T
T
TS
S
S1
1
16
6
6G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S6
6
64
4
4G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---S
S
S///M
M
M
T
T
TS
S
S1
1
12
2
28
8
8G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---M
M
M
T
T
TS
S
S1
1
19
9
92
2
2G
G
GS
S
SS
S
SD
D
D2
2
25
5
5S
S
S---M
M
M
2.5” Solid State Disk
Transcend Information Inc.
V2.4
4
* Note: Reference to the IEC 60068-2-6 Testing procedures; Operating-Sine wave, 5-800Hz/1 oct., 1.5mm, 3g, 0.5
hr./axis, total 1.5 hrs.
* Note: Reference to the IEC 60068-2-27 Testing procedures; Operating-Half-sine wave, 1500g, 0.5ms, 3 times/dir., total
18 times.
Reliability
Data Reliability
Supports BCH ECC 8 bits or 15 bits in 512 bytes
Data Retention
10 years
MTBF
1,000,000 hours
Vibration
Operating
3.0G, 5 - 800Hz
Non-Operating
3.0G, 5 - 800Hz
Shock
Operating
1500G, 0.5ms
Non-Operating
1500G, 0.5ms
Regulations
Compliance
CE, FCC and BSMI


유사한 부품 번호 - TS32GSSD25S-M

제조업체부품명데이터시트상세설명
logo
Transcend Information. ...
TS32GSSD10-M TRANSCEND-TS32GSSD10-M Datasheet
295Kb / 11P
   1.0??Solid State Disk
TS32GSSD18M-M TRANSCEND-TS32GSSD18M-M Datasheet
800Kb / 32P
   1.8??Portable Solid State Drive
TS32GSSD34E-M TRANSCEND-TS32GSSD34E-M Datasheet
332Kb / 6P
   8GB~32GB ExpressCard34 SSD
TS32GSSD370S TRANSCEND-TS32GSSD370S Datasheet
366Kb / 3P
   SATA III 6Gb/s SSD370S
More results

유사한 설명 - TS32GSSD25S-M

제조업체부품명데이터시트상세설명
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
logo
Transcend Information. ...
TS2GSSD10-M TRANSCEND-TS2GSSD10-M Datasheet
295Kb / 11P
   1.0??Solid State Disk
logo
Apacer Technology Inc.
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com