전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100E157FNR2 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MC100E157FNR2
상세설명  QUAD 2:1 MULTIPLEXER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC100E157FNR2 데이터시트(HTML) 1 Page - Motorola, Inc

  MC100E157FNR2 Datasheet HTML 1Page - Motorola, Inc MC100E157FNR2 Datasheet HTML 2Page - Motorola, Inc MC100E157FNR2 Datasheet HTML 3Page - Motorola, Inc MC100E157FNR2 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NC
VCCO
Q3
VCCO
D3b
D3a
NC
SEL3
LOGIC DIAGRAM
D2b
D2a
SEL2
VEE
SEL1
D1a
D1b
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
Q3
Q2
Q2
VCC
Q1
Q1
Q0
Q0
SEL0
D0a
D0b
NC
NC
D0a
D0b
SEL0
D1a
D1b
SEL1
D2a
D2b
SEL2
D3a
D3b
SEL3
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
MUX
MUX
MUX
MUX
1
0
1
0
1
0
1
0
1
Pinout: 28-Lead PLCC (Top View)
* All VCC and VCCO pins are tied together on the die.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
12/93
Quad 2:1 Multiplexer
The MC10E/100E157 contains four 2:1 multiplexers with differential
outputs. The output data are controlled by the individual Select (SEL)
inputs. The individual select control makes the devices well suited for
random logic designs.
Individual Select Controls
550ps Max. D to Output
800ps Max. SEL to Output
Extended 100E VEE Range of – 4.2V to – 5.46V
Internal 75kΩ Input Pulldown Resistors
PIN NAMES
Pin
Function
D0a – D3a
Input Data a
D0b – D3b
Input Data b
SEL0 – SEL3
Select Inputs
Q0 – Q3
True Outputs
Q0 – Q3
Inverted Outputs
TRUTH TABLE
SEL
Data
H
L
a
b
MC10E157
MC100E157
QUAD 2:1
MULTIPLEXER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


유사한 부품 번호 - MC100E157FNR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100E157FNR2 ONSEMI-MC100E157FNR2 Datasheet
125Kb / 8P
   5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
MC100E157FNR2G ONSEMI-MC100E157FNR2G Datasheet
125Kb / 8P
   5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
More results

유사한 설명 - MC100E157FNR2

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
   QUAD 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157 Datasheet
59Kb / 4P
   QUAD 2:1 MULTIPLEXER
logo
NXP Semiconductors
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
   Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
   Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
   Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
logo
Toshiba Semiconductor
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
   Quad 1-of-2 Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com