전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK433-320-E 데이터시트(PDF) 9 Page - Sanyo Semicon Device

부품명 STK433-320-E
상세설명  Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-320-E 데이터시트(HTML) 9 Page - Sanyo Semicon Device

Back Button STK433-320-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-320-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-320-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-320-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-320-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-320-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-320-E Datasheet HTML 11Page - Sanyo Semicon Device STK433-320-E Datasheet HTML 12Page - Sanyo Semicon Device STK433-320-E Datasheet HTML 13Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STK433-290-E
No. A1630-9/13
[Example]
When the IC supply voltage, VCC, is ±33V and RL is 6Ω, the total power dissipation, Pd, within the hybrid IC, will
be a maximum of 109.7W at 1kHz for a continuous sine wave signal according to the Pd-PO characteristics.
For the music signals normally handled by audio amplifiers, a value of 1/8PO max is generally used for Pd as an
estimate of the power dissipation based on the type of continuous signal. (Note that the factor used may differ
depending on the safety standard used.)
This is:
Pd
≈ 85.0W
(when 1/8PO max. = 10W, PO max. = 80W).
The number of power transistors in audio amplifier block of these hybrid ICs, N, is 6, and the thermal resistance per
transistor,
θj-c, is 2.1°C/W. Therefore, the required heat sink thermal resistance for a guaranteed ambient temperature,
Ta, of 50
°C will be as follows.
From formula (1)'
θc-a < (125 − 50)/85.0
< 0.88
From formula (2)'
θc-a < (150 − 50)/85.0 − 2.1/6
< 0.82
Therefore, the value of 0.82
°C/W, which satisfies both of these formulae, is the required thermal resistance of the heat
sink.
Note that this thermal design example assumes the use of a constant-voltage power supply, and is therefore not a
verified design for any particular user’s end product.
STK433-300series Stand-by Control & Mute Control & Load-Short Protection
Application
(*1) The impression voltage of a Stand-by terminal (#13) is
the maximum rating (VST max). Please set up not to exceed.
+5V
+5V
Stand-by Control
Mute Control
ST-BY
PLAY
ST-BY
MUTE
MUTE
STK433-300 series
56k
Ω
2
3
4
5
8
7
6
9
10
11
12
13
14
15
1
GND
+VCC
-VCC
56k
Ω
6.8k
Ω
6.8k
Ω
Ch2 IN
GND
Ch1 IN
10k
Ω
10k
Ω
10k
Ω
2.2k
Ω
Mute Control
H: Single Mute
L: Normal
Stand-by Control(ex)
H: Operation Mode(+5V)
L: Stand-by Mode(0V)
33
μF
/10V
33k
Ω
1k
Ω
2k
Ω
2.7k
Ω
SUB.GND
Ch2 OUT
Ch1 OUT
GND
GND
Load Short Protection
Circuit
10k
Ω
100k
Ω
56k
Ω
1k
Ω
22k
Ω
Latch Up
Circuit
16
17
18
19
GND
Ch3 OUT
Ch3 IN
10k
Ω
+VCC
Ch2
OUT
Ch1
OUT
-VCC
+PRE
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
ST-
BY
Ch3
NF
Ch3
IN
Ch3
OUT
SUB
GND
Ch2
OUT
Ch1
OUT
Ch3
OUT
-PRE
56k
Ω 6.8kΩ
0.1
μF


유사한 부품 번호 - STK433-320-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-330N-E SANYO-STK433-330N-E Datasheet
279Kb / 11P
   3channel class-AB Audio Power IC 150W150W150W
logo
ON Semiconductor
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results

유사한 설명 - STK433-320-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com