전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK433-330-E 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 STK433-330-E
상세설명  Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-330-E 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  STK433-330-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-330-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STK433-290-E
No. A1630-2/13
Specifications
Absolute maximum ratings at Ta=25
°C, Unless otherwise specified Tc=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage
VCC max (0)
Non signal
±54
V
Maximum power supply voltage
VCC max (1)
RL≥6Ω
±47
V
Minimum operating supply voltage
VCC min
±10
V
#13 Operating voltage
VST OFF max
-0.3 to +5.5
V
Thermal resistance
θj-c
Per one power transistor
2.1
°C/W
Junction temperature
Tj max
150
°C
Operating substrate temperature
Tc max
Should satisfy Tj max and Tc max
125
°C
Storage temperature
Tstg
-30 to +125
°C
Allowable time for load short-circuit
ts
VCC=±33V, RL=6Ω, f=50Hz, PO=50W,
1-channel active
0.3
s
Operating Characteristics at Unless otherwise specified Tc=25°C, RL=6Ω (Non-inductive Load), Rg=600Ω,
VG=30dB
Conditions *2
Ratings
Parameter
Symbol
VCC
(V)
f
(Hz)
PO
(W)
THD
(%)
min
typ
max
unit
PO (1)
±33
20 to 20k
0.4
47
50
Output power
*1
PO (2)
±33
1k
10
80
W
THD (1)
±33
20 to 20k
0.4
Total harmonic distortion
*1
THD (2)
±33
1k
5.0
VG=30dB
0.01
%
Frequency characteristics *1
fL, fH
±33
1.0
+0 -3dB
20 to 50k
Hz
Input impedance
ri
±33
1k
1.0
55
k
Ω
Output noise voltage
*3
VNO
±39
Rg=2.2k
Ω
1.0
mVrms
Quiescent current
ICCO
±39
No loading
30
70
120
mA
Output neutral voltage
VN
±39
-70
0
+70
mV
#13 Stand-by ON threshold
*5
VST ON
±33
Stand-by
0
0.6
V
#13 Stand-by OFF threshold
*5
VST OFF
±33
Operation
2.5
3.0
V
[Remarks]
*1: For 1-channel operation
*2: Unless otherwise specified, use a constant-voltage power supply to supply power when inspections are carried out.
*3: The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50Hz)
power supply should be used to minimize the influence of AC primary side flicker noise on the reading.
*4: Use the transformer power supply circuit shown in the figure below for allowable load shorted time and output
noise voltage measurement.
*5: The impression voltage of ‘#13 (Stand-By) pin’ must not exceed the maximum rating.
Power amplifier operate by impressing voltage +2.5 to +5.5V to ‘#13 (Stand-By) pin’.
*6: Please connect -PreVCC pin (#1 pin)with the stable minimum voltage, and connect so that current does not flow in
by reverse bias.
*7: Thermal design must be implemented based on the conditions under which the customer’s end products are expected
to operate on the market.
*8: The case of this Hybrid-IC is using thermosetting silicon adhesive (TSE322SX).
*9: Weight of HIC: 24.8g
Outer carton dimensions (W
×L×H): 452mm×325mm×192mm
10000
μF
10000
μF
DBA40C
500
Ω
500
Ω
+VCC
-VCC
+
+
Designated transformer power supply
(MG-200 equivalent)


유사한 부품 번호 - STK433-330-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-330N-E SANYO-STK433-330N-E Datasheet
279Kb / 11P
   3channel class-AB Audio Power IC 150W150W150W
logo
ON Semiconductor
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
More results

유사한 설명 - STK433-330-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-130-E SANYO-STK433-130-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com