전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB10000-PG-A 데이터시트(PDF) 3 Page - Marktech Corporate

부품명 MTB10000-PG-A
상세설명  10 SEGMENT LIGHT BAR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTB10000-PG-A 데이터시트(HTML) 3 Page - Marktech Corporate

  MTB10000-PG-A Datasheet HTML 1Page - Marktech Corporate MTB10000-PG-A Datasheet HTML 2Page - Marktech Corporate MTB10000-PG-A Datasheet HTML 3Page - Marktech Corporate MTB10000-PG-A Datasheet HTML 4Page - Marktech Corporate MTB10000-PG-A Datasheet HTML 5Page - Marktech Corporate MTB10000-PG-A Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MTB10000-PG-A
10 SEGMENT
LIGHT BAR
VER.: 01
Date: 2007/10/04
Page: 2/5
Description
LED Chip
Face Color
Part No.
Material
Emitting Color
Surface
Segments
MTB10000-PG-A
GaAsP/GaP
Green
Grey
White
Absolute Maximum Ratings at Ta=25 ℃
Parameter
Symbol
Rating
Unit
Power Dissipation Per Segment
PD
78
mW
Pulse Current(1/10Duty Cycle,0.1ms Pulse Width.)
Per Chip
IFP
100
mA
Forward Current Per Chip
IF
30
mA
Reverse (Leakage)Current Per Chip
Ir
100
uA
Reverse Voltage Per Chip
VR
5
V
Operating Temperature Range
Topr.
-25 to +85
Storage Temperature Range
Tstg.
-40 to +100
Soldering Temperature.
Tsol.
Dip Soldering: 260℃ for 5 sec.
Hand Soldering: 350℃ for 3 sec.


유사한 부품 번호 - MTB10000-PG-A

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTB10000-PG MARKTECH-MTB10000-PG Datasheet
333Kb / 3P
   10 Segment Green Bar Graph Display
More results

유사한 설명 - MTB10000-PG-A

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTB10000-UR-A MARKTECH-MTB10000-UR-A Datasheet
152Kb / 6P
   10 SEGMENT LIGHT BAR
logo
List of Unclassifed Man...
LL10000HR ETC-LL10000HR Datasheet
122Kb / 2P
   10 segment light bar
703-0188 ETC2-703-0188 Datasheet
645Kb / 3P
   10 Segment Light Bar
logo
LUMEX INC.
SSA-LXB10IGW-GF LUMEX-SSA-LXB10IGW-GF Datasheet
48Kb / 1P
   10 Segment Bar Graph
SSA-LXB10G5Y4I1WLP LUMEX-SSA-LXB10G5Y4I1WLP Datasheet
58Kb / 1P
   10 Segment Bar Graph
SSA-LXB10GW-18751 LUMEX-SSA-LXB10GW-18751 Datasheet
58Kb / 1P
   10 Segment Bar Graph
SSA-LXB10IGW-CAGF LUMEX-SSA-LXB10IGW-CAGF Datasheet
86Kb / 1P
   10 Segment Bar Graph
SSB-LXE100SRW LUMEX-SSB-LXE100SRW Datasheet
38Kb / 1P
   8.89mm X 3.81mm SEGMENT LIGHT BAR
SSA-LXB10IW-GF-LP LUMEX-SSA-LXB10IW-GF-LP Datasheet
51Kb / 1P
   10 Segment Rectangular Bar Graph
SSA-LXB10SRW LUMEX-SSA-LXB10SRW Datasheet
83Kb / 1P
   10 Segment Rectangular Bar Graph
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com