전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPM-3120G 데이터시트(PDF) 2 Page - Advantech Co., Ltd.

부품명 FPM-3120G
상세설명  12.1 SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FPM-3120G 데이터시트(HTML) 2 Page - Advantech Co., Ltd.

  FPM-3120G Datasheet HTML 1Page - Advantech Co., Ltd. FPM-3120G Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
I/O View
FPM-3120G
Touchscreen
(RS-232 or USB)
Power
Connector
VGA Port
With Desktop Stand (FPM-2150G-SMKE)
Mounting with DC Source
Accessories
FPM-2150G-SMKE
Mounting kit for desktop & wall
1700001524
Power Cable US Plug 1.8 M
170203180A
Power Cable UK Plug 1.8 M
170203183C
Power Cable EU Plug 1.8 M
Panel Cut-out Dimensions: 303.5 x 229.5 mm (11.94" x 9.03")
301.50 (11.88”)
312.00 (12.28”)
13.60 (0.53”)
44.10 (1.73”)
6.60 (0.26”)
250.00 (9.84”)


유사한 부품 번호 - FPM-3120G

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
FPM-3121G ADVANTECH-FPM-3121G Datasheet
379Kb / 2P
   12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
18-Feb-2022
FPM-3121G-R3AE ADVANTECH-FPM-3121G-R3AE Datasheet
340Kb / 2P
   12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
FPM-3121G-R3BE ADVANTECH-FPM-3121G-R3BE Datasheet
379Kb / 2P
   12.1 XGA Industrial Monitor with Resistive Touch Control, Direct VGA, DVI Ports, and Wide Operating Temperature
18-Feb-2022
FPM-3121G-X0AE ADVANTECH-FPM-3121G-X0AE Datasheet
340Kb / 2P
   12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
FPM-3121G ADVANTECH-FPM-3121G_15 Datasheet
340Kb / 2P
   12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
More results

유사한 설명 - FPM-3120G

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
FPM-2120G ADVANTECH-FPM-2120G_15 Datasheet
356Kb / 2P
   12" SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2120G ADVANTECH-FPM-2120G Datasheet
275Kb / 2P
   12'SVGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-3121G ADVANTECH-FPM-3121G_15 Datasheet
340Kb / 2P
   12.1" SVGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, DVI and Wide Operating Temperature
FPM-3060G ADVANTECH-FPM-3060G Datasheet
610Kb / 2P
   6.5 VGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
   15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
   15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G Datasheet
271Kb / 2P
   17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2170G ADVANTECH-FPM-2170G_15 Datasheet
356Kb / 2P
   17" SXGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
   15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
FPM-5171G ADVANTECH-FPM-5171G Datasheet
512Kb / 2P
   17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com