전자부품 데이터시트 검색엔진 |
|
TS810CXIRF 데이터시트(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
TS810CXIRF 데이터시트(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 7 page TS809/810/809R/810R Series Microprocessor Reset Circuit 2/7 Version: A07 Absolute Maximum Rating Parameter Symbol Maximum Unit Terminal Voltage (with respect to Gnd) VCC 7 V RESET & (RESET) push-pull VRESET - 0.3 ~ (VCC +0.3) V Input Current, VCC ICC 20 mA Output Current, RESET, (RESET) IO 20 mA Rate of Rise, VCC VR 100 V/uS Continuous Power Dissipation PD 320 mW Operating Junction Temperature Range TOPR -40 ~ +125 oC Storage Temperature Range TSTG -65 ~ +150 oC Lead Soldering Temperature (260 oC) TLEAD 10 S Electrical Specifications (Ta = 25oC, unless otherwise noted) Parameter Conditions Symbol Min Typ Max Unit Input Supply Voltage Ta=-40 oC~+85oC VCC 1.0 -- 5.5 V VIN=VIN *1.10 -- -- 3.0 Supply Current VIN=VIN *1.10, Ta=-40 oC~+85oC ICC - -- 5.0 uA TS809/809R/810/810RCXA 4.56 4.63 4.7 TS809/809R/810/810RCXB 4.31 4.38 4.45 TS809/809R/810/810RCXC 3.94 4.00 4.06 TS809/809R/810/810RCXD 3.03 3.08 3.13 TS809/809R/810/810RCXE 2.89 2.93 2.97 TS809/809R/810/810RCXF 2.59 2.63 2.67 TS809/809R/810/810RCXG 2.28 2.32 2.35 TS809CXH 2.07 2.1 2.13 Reset Threshold TS809CXI VTH 1.97 2.0 2.03 V Reset Threshold Temperature Coefficient 30 50 160 ppm/ oC VCC to Reset Delay VCC = VTH - 100mV -- 40 -- uS Reset Active Timeout Period Ta=-40 oC~+85oC TDELAY 140 210 500 mS RESET Output (TS809/R) Voltage Low VCC < VTH(MAX), ISINK =1.2mA VOL -- -- 0.2 V VCC > VTH(MAX), ISOURCE =0.5mA, VCC > 1.8V RESET Output (TS809/R) Voltage High VCC > VTH(MAX), ISOURCE =0.15mA, 1.8V ≥ VCC >1.0V VOH 0.8 VCC -- -- V (RESET) Output (TS810/R) Voltage Low VCC > VTH(MAX), ISINK =1.2mA VOL -- -- 0.2 V VCC < VTH(MAX), ISOURCE =0.5mA, VCC > 1.8V (RESET) Output (TS810/R) Voltage High VCC > VTH(MAX), ISOURCE =0.15mA, 1.8V ≥ VCC >1.0V VOH 0.8 VCC -- -- V |
유사한 부품 번호 - TS810CXIRF |
|
유사한 설명 - TS810CXIRF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |