전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5218CQRF 데이터시트(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

부품명 TS5218CQRF
상세설명  800mA Ultra Low Dropout Voltage Regulator with Enable
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5218CQRF 데이터시트(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS5218CQRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5218CQRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS5218
800mA Ultra Low Dropout
Voltage Regulator with Enable
4/7
Version: A09
Application Information (Continue)
Input Capacitor Requirement
An input capacitor of 1uF or greater is recommended when the device is more than 4” away from the bulk AC supply
capacitance or when the supply is a battery. Small, surface mount, ceramic chip capacitors can be used for bypassing.
Larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving the integrity
of the output voltage.
Minimum Load Current
The TS5218 is specified between finite loads. If the output current is too small leakage currents dominate and the
output voltage rises. A 10mA minimum load current is necessary for proper regulation.
Enable Input
TS5218 versions feature an active-high enable (EN) input that allows ON/OFF control of the regulator. Current drain
reduces to “zero” when the device is shutdown, with only micro-amperes of leakage current. The EN input has
TTL/CMOS compatible thresholds for simple interfacing with logic interfacing. EN may be directly tied to VIN and
pulled up to the maximum supply voltage.
Adjustable Regulator Design
The TS5218 is allowed to programming the output voltage anywhere between 1.25 and the 16V maximum operating
rating of the family. Two resistors are used. Resistors can be quite large up to 1MΩ, because of the very high input
impedance and low bias current of the sense comparator, the resistor values are calculated by:
Where VOUT is the desired output voltage. Above application circuit shows component definition. Applications with
widely varying load currents may scale the resistors to draw the minimum load current required for proper operation.
Transient Response and 3.3V to 2.5V or 2.5V to 1.8V Conversion
TS5218 has excellent transient response to variations in input voltage and load current. The device have been
designed to respond quickly to load current variations and input voltage variations. Large output capacitors are not
required to obtain this performance. A standard 10uF output capacitor, preferably tantalum, is all that is required.
Larger values help to improve performance even further. By virtue of its low dropout voltage, this device does not
saturate into dropout as readily as similar NPN base designs. When converting from 3.3V to 2.5V or 2.5V to 1.8V, the
NPN based regulators are already operating in dropout, with typical dropout requirements of 1.2V or greater,. To
convert down to 2.5V or 1.8V without operating in dropout, NPN based regulators require an input voltage of 3.7V at
the very least. The TS5218 regulator will provide excellent performance with an input as low as 3.0V or 2.5V
respectively. This gives the PNP based regulators a distinct advantage over older, NPN based linear regulators.


유사한 부품 번호 - TS5218CQRF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS5218CQRF TSC-TS5218CQRF Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
More results

유사한 설명 - TS5218CQRF

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS5218 TSC-TS5218_09 Datasheet
389Kb / 7P
   800mA Ultra Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117_07 Datasheet
464Kb / 16P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908_05 Datasheet
63Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com