전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS19373 데이터시트(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

부품명 TS19373
상세설명  800mA Buck (Step-down) WLED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19373 데이터시트(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS19373 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19373 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TS19373
800mA Buck (Step-down) WLED Driver
6/7
Version: A09
SOT-25 Mechanical Drawing
Marking Diagram
73 = Device Code
Y = Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L = Lot Code
SOT-25 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX.
A+A1
0.09
1.25
0.0354
0.0492
B
0.30
0.50
0.0118
0.0197
C
0.09
0.25
0.0035
0.0098
D
2.70
3.10
0.1063
0.1220
E
1.40
1.80
0.0551
0.0709
e
1.90 BSC
0.0748 BSC
H
2.40
3.00
0.09449
0.1181
L
0.35 BSC
0.0138 BSC
Ө1
10º
10º
S1
0.95 BSC
0.0374 BSC


유사한 부품 번호 - TS19373

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19373CX5RF TSC-TS19373CX5RF Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
More results

유사한 설명 - TS19373

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
   800mA Buck (Step-down) WLED Driver
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
   2A Buck (Step-down) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
   Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
   Buck (Step-down) WLED Driver with External Switch
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110_06 Datasheet
698Kb / 19P
   Fast Transient 800mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com