전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPC-1070H 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 TPC-1070H
상세설명  10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-1070H 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  TPC-1070H Datasheet HTML 1Page - Advantech Co., Ltd. TPC-1070H Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Touch Panel Computers
Features
TPC-1070H
TPC-870H
Specifications
General
BIOS
Award® 4 MB
Certifications
BSMI, CCC, CE, FCC, UL
Cooling System
Fanless design
Dimensions (W x H x D) 286 x 226 x 58 mm (11.26" x 8.9" x 2.28")
Enclosure
Die-cast Aluminum alloy
Mounting
Desktop, Wall or Panel Mount
OS Support
Windows XP/XPe/CE*
Power Consumption
TPC-1070H: 41 W (typical)
TPC-870H: 33 W (typical)
Power Input
18 ~ 32 VDC
Watchdog Timer
1 sec (system)
Weight (Net)
3.5 kg (7.72 lbs)
System Hardware
CPU
TPC-1070H-C1E: Intel Celeron M 1 GHz non-cache
TPC-870H-C1E: Intel Celeron M 1 GHz non-cache
Chipset
Intel 852GM + ICH4
Memory
512 MB onboard DDR SDRAM
LAN
TPC-1070H-C1E: 10/100Base-T x 2
TPC-870H-C1E: 10/100Base-T x 2
Expansion Slots
PCI-104 x 1
Storage
CompactFlash® slot x 1
2.5" PATA HDD x 1 (optional)
I/O
RS-232 x 2 (COM1, 3)
RS-232/422/485 x 1 (COM4) with auto data flow
control
USB 2.0 x 2
PS/2 Keyboard/Mouse x 1
LCD Display
TPC-1070H
TPC-870H
Display Type
SVGA TFT LCD
VGA TFT LCD
Display Size
10.4"
8"
Max. Resolution
800 x 600
640 x 480
Max. Colors
260 K
64 K
Luminance cd/m2
400
350
Viewing Angle (H/V°)
140/110
130/120
Backlight Life
50,000 hrs
50,000 hrs
Contrast Ratio
500 : 1
250 : 1
Touchscreen
Lifespan
1 million touches at single point
Light Transmission
Above 75%
Resolution
Linearity
Type
8-wire, analog resistive
Environment
Humidity
10 ~ 95% RH @ 40° C, non-condensing
Ingress Protection
Front panel: NEMA4, IP65
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Vibration Protection
With HDD: 1 Grms (5 ~ 500 Hz)
(Operating, random vibration)
Intel® Celeron M 1 GHz processor
10.4" SVGA TFT LCD
Compact design with die-cast housing
Fanless cooling system
NEMA4/IP65 compliant front panel
Supports Microsoft® Windows XP/XPe/CE
Downward I/O cabling
Automatic data flow control RS-485
Dual Fast Ethernet supported
Introduction
With a high quality TFT LCD display, TPC-1070H/870H is designed with the Intel Celeron® M 1 GHz processor as its core. The Intel Celeron M has has low power consumption and
1 GHz operating frequency. This system is fanless although the kernel is powerful. In addition, spindle-free storage makes the TPC-1070H/870H a durable and reliable platform. For
applications where spindle-free storage is not critical, a fast-access HDD module can be used. The rich I/O portfolio meets diverse requests.
10.4" SVGA TFT LCD Celeron® M
Touch Panel Computer
8" VGA TFT LCD Celeron® M Touch
Panel Computer
TPC-1070H
TPC-870H


유사한 부품 번호 - TPC-1070H

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
TPC-1071H-D3AE ADVANTECH-TPC-1071H-D3AE Datasheet
637Kb / 2P
   10.4" SVGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
TPC-107W ADVANTECH-TPC-107W Datasheet
577Kb / 2P
   7"/10.1"/15.6" Touch Panel Computer with ARM Cortex™-A53 Processor
7-Sep-2022
TPC-107W-N31AA ADVANTECH-TPC-107W-N31AA Datasheet
577Kb / 2P
   7"/10.1"/15.6" Touch Panel Computer with ARM Cortex™-A53 Processor
7-Sep-2022
TPC-107W-N31YA ADVANTECH-TPC-107W-N31YA Datasheet
577Kb / 2P
   7"/10.1"/15.6" Touch Panel Computer with ARM Cortex™-A53 Processor
7-Sep-2022
More results

유사한 설명 - TPC-1070H

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
TPC-1270H ADVANTECH-TPC-1270H Datasheet
764Kb / 2P
   12.1 SVGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
logo
Axiomtek Co., Ltd.
GOT5100T-834 AXIOMTEK-GOT5100T-834_17 Datasheet
489Kb / 2P
   10.4 XGA/SVGA TFT Fanless Touch Panel Computer with Intel짰Celeron
logo
Advantech Co., Ltd.
TPC-1570H ADVANTECH-TPC-1570H Datasheet
816Kb / 2P
   15 XGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
TPC-1071H-D3AE ADVANTECH-TPC-1071H-D3AE Datasheet
637Kb / 2P
   10.4" SVGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
logo
AAEON Technology
AMB-232A AAEON-AMB-232A Datasheet
229Kb / 2P
   10.4??TFT SVGA LCD
logo
Axiomtek Co., Ltd.
MPC102-832 AXIOMTEK-MPC102-832_17 Datasheet
366Kb / 2P
   10.4 SVGA TFT Medical Grade Fanless Touch Panel Computer with Intel Atom
GOT110-316 AXIOMTEK-GOT110-316 Datasheet
479Kb / 2P
   10.4 XGA TFT Fanless Touch Panel Computer with Intel짰 Celeron짰 Processor N3350
P6100 AXIOMTEK-P6100_17 Datasheet
420Kb / 2P
   10.4 SVGA TFT Industrial LCD Monitor
logo
Advantech Co., Ltd.
TPC-120H ADVANTECH-TPC-120H Datasheet
978Kb / 2P
   12.1 SVGA TFT LCD XScale PXA270 Touch Panel Computer with CAN-bus
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com