전자부품 데이터시트 검색엔진 |
|
AD7195BCPZ-RL 데이터시트(PDF) 8 Page - Analog Devices |
|
AD7195BCPZ-RL 데이터시트(HTML) 8 Page - Analog Devices |
8 / 44 page AD7195 Rev. 0 | Page 8 of 44 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating AVDD to AGND −0.3 V to +6.5 V DVDD to AGND −0.3 V to +6.5 V AGND to DGND −0.3 V to +0.3 V Analog Input Voltage to AGND −0.3 V to AVDD + 0.3 V Reference Input Voltage to AGND −0.3 V to AVDD + 0.3 V Digital Input Voltage to DGND −0.3 V to DVDD + 0.3 V Digital Output Voltage to DGND −0.3 V to DVDD + 0.3 V AIN/Digital Input Current 10 mA Operating Temperature Range −40°C to +105°C Storage Temperature Range −65°C to +150°C Maximum Junction Temperature 150°C Lead Temperature, Soldering Reflow 260°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 4. Thermal Resistance Package Type θJA θJC Unit 32-Lead LFCSP_WQ 32.5 32.71 °C/W ESD CAUTION |
유사한 부품 번호 - AD7195BCPZ-RL |
|
유사한 설명 - AD7195BCPZ-RL |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |