전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBF17250G230HT 데이터시트(PDF) 1 Page - Dubilier

부품명 DBF17250G230HT
상세설명  AC COOLING FAN 172x150x50mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DUBILIER [Dubilier]
홈페이지  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF17250G230HT 데이터시트(HTML) 1 Page - Dubilier

  DBF17250G230HT Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
296
AC COOLING FAN
172x150x50mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
17250
B
115
M
Dubilier
Fans
Size
172x150x50mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
115=115vac
230=230vac
Airflow
H=High
M=Medium
T
Lead Type
T=Terminal
W=Wires
Voltage: 115 & 230 VDC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Aluminium Alloy Housing
Airflow range: 185.3 - 196 CFM
Suitable for Racks etc.
Part No.
Bearing
Voltage/Freq(V/Hz) Current(A)
Power (W)
Speed(RPM) Air flow(CFM ) Pressure(mmAq) Noise(dB/A) Weight(g)
DBF1750x115H Ball, Sleeve, Oil
115/50
0.48
59.60
2700
194.6
12.75
52.3
922
DBF1750x115M Ball, Sleeve, Oil
115/50
0.35
29.80
2600
186.0
9.25
50.5
922
DBF1750x230H Ball, Sleeve, Oil
230/50
0.27
47.90
2700
196.0
12.25
51.3
922
DBF1750x230M Ball, Sleeve, Oil
230/50
0.19
32.60
2600
185.3
9.00
50.4
922
Impeller: Plastic (UL;94V-0)
Lead Wire: UL1015 AWG18
Operating Temp:-10˚to 70˚C


유사한 부품 번호 - DBF17250G230HT

제조업체부품명데이터시트상세설명
logo
Dubilier
DBF17250G24M DUBILIER-DBF17250G24M Datasheet
139Kb / 1P
   DC COOLING FAN 172x150x50mm
More results

유사한 설명 - DBF17250G230HT

제조업체부품명데이터시트상세설명
logo
Dubilier
DBF17250B24M DUBILIER-DBF17250B24M Datasheet
139Kb / 1P
   DC COOLING FAN 172x150x50mm
DBF8025B115MT DUBILIER-DBF8025B115MT Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
DBF12025B115MT DUBILIER-DBF12025B115MT Datasheet
151Kb / 1P
   AC COOLING FAN 120x120x25mm
DBF9225B115MT DUBILIER-DBF9225B115MT Datasheet
132Kb / 1P
   AC COOLING FAN 92x92x25mm
DBF8038B115MT DUBILIER-DBF8038B115MT Datasheet
154Kb / 1P
   AC COOLING FAN 80x80x38mm
DBF12038B115MT DUBILIER-DBF12038B115MT Datasheet
195Kb / 1P
   AC COOLING FAN 120x120x38mm
logo
List of Unclassifed Man...
4E-230B-17-T ETC2-4E-230B-17-T Datasheet
330Kb / 1P
   AC COOLING FAN 4E 119x119x38 mm
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
DBF2510G05H DUBILIER-DBF2510G05H Datasheet
158Kb / 1P
   DC COOLING FAN 25x25x10mm
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com