전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DBF12025S24M 데이터시트(PDF) 1 Page - Dubilier

부품명 DBF12025S24M
상세설명  DC COOLING FAN 120x120x25mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DUBILIER [Dubilier]
홈페이지  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBF12025S24M 데이터시트(HTML) 1 Page - Dubilier

  DBF12025S24M Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
283
DC COOLING FAN
120x120x25mm
SPECIFICATION
EXTERNAL DIMENSIONS
PERFORMANCE CURVE
ORDERING INFORMATION
DBF
12025
B
12
H
Dubilier
Fans
Size
120x120x25mm
Bearing
B=Ball
S=Sleeve
G=Oil
Voltage
12=12vdc
24=24vdc
Airflow
U=Ultra High
H=High
M=Medium
L=Low
Options
Blank=Standard
A=Alarm Lead
S=Speed Sensor
T=Twin Speed
Other options available
Voltage: 12 & 24 VDC
Bearing options: Ball, Sleeve or Oil Bearing
Material on housing: Plastic Housing to UL94V-0
Airflow range: 72 - 98.6 CFM
Suitable for PSU, Racks and Test Instruments
Part No.
Bearing
Voltage(V)
Current(A)
Power (W)
Speed(RPM) Air flow(CFM ) Pressure(mmAq)
Noise(dB/A) Weight(g)
DBF12025x12U
Ball, Sleeve, Oil
12
0.50
6.00
2500
98.6
4.48
43.3
164
DBF12025x12H
Sleeve, Oil
12
0.44
5.28
2200
85.2
3.45
39.1
164
DBF12025B12H
Ball
12
0.37
4.44
2200
85.2
3.45
39.1
164
DBF12025x12M
Sleeve, Oil
12
0.34
4.08
2050
80.5
2.97
38.0
164
DBF12025B12M
Ball
12
0.33
3.96
2050
80.5
2.97
38.0
164
DBF12025x12L
Ball, Sleeve, Oil
12
0.24
2.88
1800
72.0
2.41
34.4
164
DBF12025x24H
Sleeve, Oil
24
0.24
5.76
2200
85.2
3.45
39.1
164
DBF12025B24H
Ball
24
0.19
4.56
2200
85.2
3.45
39.1
164
DBF12025x24M
Sleeve, Oil
24
0.20
4.80
2050
80.5
2.97
38.0
164
DBF12025B24M
Ball
24
0.17
4.08
2050
80.5
2.97
38.0
164
DBF12025x24L
Ball, Sleeve, Oil
24
0.14
3.36
1800
72.0
2.41
34.4
164
Impeller: Plastic (UL;94V-0)
Lead Wire: UL1007 AWG24
Protection: Current Limit
Operating Temp:-10˚to 70˚C


유사한 부품 번호 - DBF12025S24M

제조업체부품명데이터시트상세설명
logo
Dubilier
DBF12025S230MT DUBILIER-DBF12025S230MT Datasheet
151Kb / 1P
   AC COOLING FAN 120x120x25mm
DBF12025S230MW DUBILIER-DBF12025S230MW Datasheet
151Kb / 1P
   AC COOLING FAN 120x120x25mm
More results

유사한 설명 - DBF12025S24M

제조업체부품명데이터시트상세설명
logo
Dubilier
DBF12025B115MT DUBILIER-DBF12025B115MT Datasheet
151Kb / 1P
   AC COOLING FAN 120x120x25mm
logo
Qualtek Electronics Cor...
FAD1-12025 QUALTEK-FAD1-12025 Datasheet
1Mb / 1P
   120x120x25mm DC AXIAL FAN
FAA1-12025 QUALTEK-FAA1-12025 Datasheet
1Mb / 1P
   120x120x25mm AC AXIAL FAN
logo
Dubilier
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
DBF2510G05H DUBILIER-DBF2510G05H Datasheet
158Kb / 1P
   DC COOLING FAN 25x25x10mm
DBF6015B12H DUBILIER-DBF6015B12H Datasheet
130Kb / 1P
   DC COOLING FAN 60x60x15mm
DBF9225B12H DUBILIER-DBF9225B12H Datasheet
145Kb / 1P
   DC COOLING FAN 92x92x25mm
DBF12038B12H DUBILIER-DBF12038B12H Datasheet
136Kb / 1P
   DC COOLING FAN 120x120x38mm
DBF4010G05H DUBILIER-DBF4010G05H Datasheet
127Kb / 1P
   DC COOLING FAN 40x40x10mm
DBF8025B12H DUBILIER-DBF8025B12H Datasheet
132Kb / 1P
   DC COOLING FAN 80x80x25mm
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com