전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9950 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA9950
상세설명  CEC/I2C-bus translator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9950 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA9950 Datasheet HTML 6Page - NXP Semiconductors TDA9950 Datasheet HTML 7Page - NXP Semiconductors TDA9950 Datasheet HTML 8Page - NXP Semiconductors TDA9950 Datasheet HTML 9Page - NXP Semiconductors TDA9950 Datasheet HTML 10Page - NXP Semiconductors TDA9950 Datasheet HTML 11Page - NXP Semiconductors TDA9950 Datasheet HTML 12Page - NXP Semiconductors TDA9950 Datasheet HTML 13Page - NXP Semiconductors TDA9950 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TDA9950_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 22 October 2009
10 of 22
NXP Semiconductors
TDA9950
CEC/I2C-bus translator
8.5.4 CECData.err service
This service is used to alert the host to an error condition. There are no parameters. The
host should read the TDA9950 Error Register CER for details of the error. This indication
will only occur when bit ENABLE_ERROR of the CEC Configuration Register CCONR is
set to enable error indications.
8.5.5 CECData.ier service
This service is used to transfer a CEC message, received from a remote device, to the
host. In addition, it also alerts the host to an error condition. The parameters are listed in
Table 19. The host should read the TDA9950 Error Register CER for details of the error.
This indication will only occur when bit ENABLE_ERROR of the CEC Configuration
Register CCONR is set to enable error indications.
This service will not be used if no such errors are implemented.
Table 18.
Parameters for CECData.ind service
Parameter
Comments
AddressByte
Source and destination logical addresses in the form SSSS DDDD
DataBytes
Bytes of message data up to the data length indicated by FrameByteCount
Table 19.
Parameters for CECData.ier service
Parameter
Comments
AddressByte
Source and destination logical addresses in the form SSSS DDDD
DataBytes
Bytes of message data up to the data length indicated by FrameByteCount


유사한 부품 번호 - TDA9950

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HL PHILIPS-TDA9952HL Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9952HN PHILIPS-TDA9952HN Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9955HL NXP-TDA9955HL Datasheet
236Kb / 52P
   Triple 8-bit analog-to-digital video converter for HDTV
Rev. 01-17 March 2008
More results

유사한 설명 - TDA9950

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9951 PHILIPS-TDA9951 Datasheet
199Kb / 41P
   CEC/I2C-bus translator
Rev. 01-7 August 2008
logo
Global Mixed-mode Techn...
G3403 GMT-G3403 Datasheet
39Kb / 1P
   Bidirectional I2C Bus and SMBus Voltage Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
   DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
logo
ON Semiconductor
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
NXP Semiconductors
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com