전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC74VHC9273P 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TC74VHC9273P
상세설명  CMOS Digital Integrated Circuit Silicon Monolithic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC9273P 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC9273P Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC9273P Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC9273P Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC9273P Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC9273P Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC9273P Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC9273P Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC9273P Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC9273P Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74VHC9273P/FT/FK
2009-04-01
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.7
11.8
1.0
13.4
3.3 ± 0.3
50
8.7
18.4
1.0
20.9
15
4.2
7.7
1.0
8.8
Propagation delay
time
(CK-Q)
tpLH
tpHL
5.0 ± 0.5
50
6.5
12.1
1.0
13.8
ns
15
5.9
12.3
1.0
14.0
3.3 ± 0.3
50
8.6
18.0
1.0
20.6
15
4.3
8.0
1.0
9.1
Propagation delay
time
( CLR -Q)
tpHL
5.0 ± 0.5
50
6.5
11.9
1.0
13.6
ns
15
85
140
75
3.3 ± 0.3
50
50
75
45
15
130
195
115
Maximum clock
frequency
fmax
5.0 ± 0.5
50
80
100
70
MHz
3.3 ± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0 ± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note 2)
11
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/8 (per bit)
And the total CPD when n pcs.of flip flop operate can be calculated by the following equation:
CPD (total) = 7 + 4·n
Input Equivalent Circuit
INPUT


유사한 부품 번호 - TC74VHC9273P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74VHC9125FK TOSHIBA-TC74VHC9125FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125FT TOSHIBA-TC74VHC9125FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9125P TOSHIBA-TC74VHC9125P Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FK TOSHIBA-TC74VHC9126FK Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9126FT TOSHIBA-TC74VHC9126FT Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
More results

유사한 설명 - TC74VHC9273P

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com