전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP2098 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP2098
상세설명  PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2098 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP2098 Datasheet HTML 1Page - Toshiba Semiconductor TLP2098 Datasheet HTML 2Page - Toshiba Semiconductor TLP2098 Datasheet HTML 3Page - Toshiba Semiconductor TLP2098 Datasheet HTML 4Page - Toshiba Semiconductor TLP2098 Datasheet HTML 5Page - Toshiba Semiconductor TLP2098 Datasheet HTML 6Page - Toshiba Semiconductor TLP2098 Datasheet HTML 7Page - Toshiba Semiconductor TLP2098 Datasheet HTML 8Page - Toshiba Semiconductor TLP2098 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLP2098
2009-09-10
3
Electrical Characteristics
(Unless otherwise specified, Ta = -40 to 100
°C,VCC = 3.0 to 20 V)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN
TYP.
MAX
UNIT
Input Forward Voltage
VF
IF = 10 mA , Ta = 25°C
1.45
1.57
1.75
V
Temperature Coefficient
of Forward Voltage
ΔVF/ΔTa
IF = 10 mA
-2.0
mV/
°C
Input Capacitance
CT
V = 0, f = 1 MHz , Ta = 25
°C
190
pF
Logic Low Output Voltage
VOL
1
IOL = 0.02 mA, IF = 5 mA
0.2
0.6
V
VCC = 3.0 V
2.0
2.5
Logic High Output Voltage
VOH
2
IOH = -0.02 mA,
VF =0.8 V
VCC = 20 V
17.4
19.5
V
Logic Low Supply Current
ICCL
3
IF = 5 mA
3.0
mA
Logic High Supply Current
ICCH
4
VF = 0 V
3.0
mA
VCC=VO=4.5 V
15
80
Logic Low Short Circuit
Output Current
(Note3)
IOSL
5
IF = 5 mA
VCC=VO=20 V
20
90
mA
VCC=4.5 V
-5
-12
Logic High Short Circuit
Output Current
(Note3)
IOSH
6
VF = 0 V
VO = GND
VCC=20 V
-10
-20
mA
Input Current Logic Low
Output
IFHL
IO = 0.02 mA, VO < 0.6 V
1.0
3.0
mA
Input Voltage Logic High
Output
VFLH
IO = -0.02 mA, VO > 2.0 V
0.8
V
Input Current Hysteresis
IHYS
VCC = 5 V
0.05
mA
* All typical values are at VCC=5V, Ta=25°C
Note 3: Duration of output short circuit time should not exceed 10 ms.
Note 4: A ceramic capacitor (0.1
μA) should be connected from pin 6 to pin 4 to stabilize the operation of the high gain
linear amplifier. Failure to provide the bypassing may impair the switching property. The total lead length
between capacitor and coupler should not exceed 1 cm.
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIN
TYP.
MAX
UNIT
Capacitance input to output
CS
VS = 0, f = 1 MHz
(Note 2)
0.8
pF
Isolation resistance
RS
R.H.
≤ 60%, VS = 500 V
(Note 2) 1×10
12
10
14
Ω
AC,1 minute
3750
AC,1 second,in oil
10000
Vrms
Isolation voltage
BVS
DC,1 minute,in oil
10000
Vdc


유사한 부품 번호 - TLP2098

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP209D TOSHIBA-TLP209D Datasheet
130Kb / 4P
   PHOTO RELAY
TLP209D TOSHIBA-TLP209D_14 Datasheet
156Kb / 4P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
More results

유사한 설명 - TLP2098

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP105 TOSHIBA-TLP105 Datasheet
270Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2418 TOSHIBA-TLP2418 Datasheet
267Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2105 TOSHIBA-TLP2105 Datasheet
304Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2166A TOSHIBA-TLP2166A Datasheet
289Kb / 11P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
   Photocoupler GaA?밃s Ired & Photo−IC
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
   TOSHIBA Photocoupler GaA?밃s Ired Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com