전자부품 데이터시트 검색엔진 |
|
A-20GV2S-B 데이터시트(PDF) 3 Page - Omron Electronics LLC |
|
A-20GV2S-B 데이터시트(HTML) 3 Page - Omron Electronics LLC |
3 / 8 page Snap Action Switch A 21 Engineering Data ■ Mechanical Durability (A-20G) ■ Electrical Durability (A-20G) ■ Structure Contact Form (SPDT) Dimensions Note: Unless otherwise specified, all units are in millimeters and a tolerance of ± 0.4 mm applies to all dimensions. ■ Terminals Screw Terminals (-B) Solder Terminal (Blank) Note: Appropriate terminal screw tightening torque: 0.78 to 1.18 N·m. ■ Mounting Holes All switches can be mounted using M4 mounting screws with plane washers or spring washers to securely mount the Switch. Tighten the screws to a torque of 1.18 to 1.47 N·m. Versions with panel mount plungers can be panel mounted via the plunger, provided that the hexagonal nut of the actuator is tightened to a torque of 2.94 to 4.9 N·m. Note: Mount using either the side mounting holes or the panel mount plunger, not both. If using the side mounting holes, then remove the hexagonal nut(s) from the panel mount plunger. 50 70 100 30 10 500 700 1,000 300 0.2 0.1 0.4 0.6 0.8 0.3 0.5 0.7 0 Overtravel (mm) Ambient temperature: 20 ±2°C Ambient humidity: 65 ±5%RH Without load Operating frequency: 240 operations/min 50 70 100 30 10 500 700 1,000 300 525 10 15 20 0 Switching current (A) Ambient temperature: 20 ±2°C Ambient humidity: 65 ±5%RH Operating frequency: 20 operations/min 250 VAC, cos φ = 0.4 250 VAC, cos φ = 1 125 VAC, cos φ = 1 125 VAC, cos φ = 0.4 COM NC NO COM NO NC 13 2 17.45 ±0.2 49.2 9.2 20 20 Three, M4 × 5.5 Terminal screws (with toothed washer) COM NO NC 1 2 3 11.9 6.4 49.2 25.4 ±0.1 17.45 ±0.2 25.4 ±0.1 Two, 4.2 dia. mounting holes or M4 Panel Mount Plunger Panel Mount Roller Plunger 12.5 dia. + 0.2 0 12.5 dia. 13 + 0.2 0 + 0.2 0 + 0.2 0 5 Accessories (Terminal Covers, and Separators): Refer to ‘Z/A/X/DZ Common Accessories’ datasheet |
유사한 부품 번호 - A-20GV2S-B |
|
유사한 설명 - A-20GV2S-B |