전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG-01L2P 데이터시트(PDF) 4 Page - Omron Electronics LLC

부품명 SSG-01L2P
상세설명  Subminiature Basic Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SSG-01L2P 데이터시트(HTML) 4 Page - Omron Electronics LLC

  SSG-01L2P Datasheet HTML 1Page - Omron Electronics LLC SSG-01L2P Datasheet HTML 2Page - Omron Electronics LLC SSG-01L2P Datasheet HTML 3Page - Omron Electronics LLC SSG-01L2P Datasheet HTML 4Page - Omron Electronics LLC SSG-01L2P Datasheet HTML 5Page - Omron Electronics LLC SSG-01L2P Datasheet HTML 6Page - Omron Electronics LLC SSG-01L2P Datasheet HTML 7Page - Omron Electronics LLC SSG-01L2P Datasheet HTML 8Page - Omron Electronics LLC SSG-01L2P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
112
Subminiature Basic Switch
SSG
Dimensions
■ Terminals
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.25 mm applies to all dimensions
2. Every actual model number includes the code instead of
@ for the kind of terminals incorporated by the model.
3. The operating characteristics are for operation in the A direction(
)
Solder/Quick-connect Terminal
Solder Terminals
Quick-connect Terminals (#110)
PCB Terminals
2.2
+0.1
0
1.8
7.5
±0.3
2.2
2.5 dia.
5.1
8.9
7.2
9.5
±0.1
0.5
6.9
7.7
3.5
3.2
6.4
±0.2
Three, 1.6-dia. holes
6.1
19.8
2.2
+0.1
0
dia. hole
CNO
NC
1.6
PT
OP
2.2
+0.1
0
1.8
7.5
±0.3
2.2
2.5 dia.
5.1
9.5
±0.1
0.5
19.8
6.9 7.7
3.5
3.2
6.4
±0.2
Three,
1.2-dia.
holes
2.8
±0.2
10.6
NO
NC
7.2
7.1
2.2
+0.1
0
dia. hole
8.9
1.6
C
PT
OP
C
1.3
±0.3
0.5
±0.05
6.4
±0.2
2.87
±0.1
4.8
±0.3
3.4
±0.1
2.5 dia.
5.15
7.62
±0.2
1.8
7.62
±0.2
3.5
4
±0.3
1.8
Three, 1.2
±0.1
Three, 0.8
7.7
NC
NO
2.2
+0.1
–0
19.8
6.9
2.2
+0.1
0
dia. hole
9.5
±0.1
PT
OP
Pin Plunger Models
SSG-01
SSG-5
SSG-01 -5
SSG-5 -5
2.2
+0.1
0
1.8
7.5
±0.3
2.2
2.5 dia.
5.1
8.9
7.2
9.5
±0.1
0.5
6.9
7.7
3.5
3.2
6.4
±0.2
Three, 1.6-dia. holes
6.1
19.8
2.2
+0.1
0
dia. hole
CNO
NC
1.6
PT
OP
A
Model
SSG-01
@
SSG-5
@
SSG-01
@-5
SSG-5
@-5
OF max.
153 gf
51 gf
RF min.
25 gf
4 gf
PT max.
0.6 mm
OT min.
0.4 mm
MD max.
0.1 mm
FP max.
- - -
OP
8.4
±0.3 mm


유사한 부품 번호 - SSG-01L2P

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
List of Unclassifed Man...
SSG-2027B-CIB020H ETC2-SSG-2027B-CIB020H Datasheet
1Mb / 2P
   2 Intel Xeon E5-2403 v2 1.8GHz
logo
Mini-Circuits
SSG-30G-RC MINI-SSG-30G-RC Datasheet
1Mb / 13P
   Wideband Signal Generator
Rev. OR
logo
Mercury United Electron...
SSG-32.768K-12.5P MERCURY-SSG-32.768K-12.5P Datasheet
134Kb / 1P
   32.768 KHz Surface Mount Crystal
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results

유사한 설명 - SSG-01L2P

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
SS-P OMRON-SS-P Datasheet
480Kb / 8P
   Subminiature Basic Switch
SS-10 OMRON-SS-10 Datasheet
1Mb / 8P
   Subminiature Basic Switch
D2MQ OMRON-D2MQ Datasheet
72Kb / 4P
   Subminiature Basic Switch
D2LS OMRON-D2LS Datasheet
450Kb / 3P
   Ultra Subminiature Basic Switch
D2SW-P OMRON-D2SW-P Datasheet
408Kb / 8P
   Sealed Subminiature Basic Switch
D2FS OMRON-D2FS Datasheet
301Kb / 4P
   Ultra Subminiature Basic Switch
J-7-V3 OMRON-J-7-V3 Datasheet
221Kb / 8P
   Ultra Subminiature Basic Switch
D2QW OMRON-D2QW Datasheet
457Kb / 6P
   Sealed Ultra Subminiature Basic Switch
D2AW OMRON-D2AW Datasheet
383Kb / 8P
   Sealed Ultra Subminiature Basic Switch
D2FD-2L0-1H OMRON-D2FD-2L0-1H Datasheet
352Kb / 5P
   Dust Proof Ultra Subminiature Basic Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com