전자부품 데이터시트 검색엔진 |
|
DZ-10GW2-1A 데이터시트(PDF) 4 Page - Omron Electronics LLC |
|
DZ-10GW2-1A 데이터시트(HTML) 4 Page - Omron Electronics LLC |
4 / 8 page 92 Special-purpose Basic Switch DZ Note: 1. The solder terminal model has a suffix "-1A" in its model number and its omitted dimensions are the same as the corresponding dimensions of the pin plunger model. 2. Unless otherwise specified, all units are in millimeters and a tolerance of ± 0.4 mm applies to all dimensions. 4.2 dia. hole +0.075 -0.025 4.36 dia. +0.1 -0.05 4.2 +0.075 -0.025 23.3±0.25 25.4±0.1 11.9 49.2 17.45±0.2 PT OP 3 dia. 2.5SR * 0.4 14.5 8.2 * Stainless-steel pin plunger Pin Plunger DZ-10G-1B Operating force Release force Pretravel Overtravel Movement Differential OF max. RF min. PT max. OT min. MD max. 570 gf 57 gf 1.7 mm 0.13 mm 0.4 mm Operating Position OP 15.6 ±0.4 mm 28.4 25.4±0.1 11.9 49.2 17.45±0.2 17.7 19.7 14.5 FP 8.2 OP 4.9 * Stainless-steel lever t = 1 * 63.5R 4.2 dia. hole +0.075 -0.025 4.36 dia. +0.1 -0.05 4.2 +0.075 -0.025 Hinge Lever DZ-10GW-1B OF max. RF min. OT min. MD max. 170 gf 28 gf 1.6 mm 4 mm FP max. OP 46.3 mm 21.8 ±1 mm 17.45 ±0.2 4.9 * Stainless-steel lever 25.4±0.1 11.9 49.2 17.7 4.2 dia. hole +0.075 -0.025 4.36 dia. +0.1 -0.05 4.2 +0.075 -0.025 19.7 14.5 8.2 OP PT t = 1 * 63.5R 1.1 DZ-10GV-1B OF max. RF min. PT max. OT min. MD max. 200 gf 13 gf 6 mm 0.4 mm 1.7 mm OP 18.3 ±1 mm 4.2 dia. hole +0.075 -0.025 4.36 dia. +0.1 -0.05 4.2+0.075 -0.025 28.4 25.4±0.1 11.9 49.2 17.45±0.2 17.7 19.7 14.5 FP 8.2 OP 9.5 dia. × 4 (plastic roller) * Stainless-steel lever t = 1 * Short Hinge Roller Lever DZ-10GW22-1B OF max. RF min. OT min. MD max. 400 gf 85 gf 0.9 mm 2.4 mm FP max. OP 39.7 mm 30.2 ±0.8 mm 17.45 ±0.2 * Stainless-steel lever 4.2 dia. hole +0.075 -0.025 4.36 dia. +0.1 -0.05 25.4±0.1 11.9 49.2 17.7 19.7 14.5 8.2 OP PT 4.2 +0.075 -0.025 t = 1 * 1.1 9.5 dia. × 4 (plastic roller) 30.2R DZ-10GV22-1B OF max. RF min. PT max. OT min. MD max. 430 gf 42 gf 3 mm 0.13 mm 0.6 mm OP 29.4 ±0.8 mm |
유사한 부품 번호 - DZ-10GW2-1A |
|
유사한 설명 - DZ-10GW2-1A |