전자부품 데이터시트 검색엔진 |
|
Z-15GQ 데이터시트(PDF) 4 Page - Omron Electronics LLC |
|
Z-15GQ 데이터시트(HTML) 4 Page - Omron Electronics LLC |
4 / 18 page 150 General-purpose Basic Switch Z *1. : Solder terminal : Screw terminal *2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers are freed by operating the levers. Reverse-type models are highly vibration- and shock-resistive because the pin plungers are normally pressed. Split-contact Models Maintained-contact Models *1. : Solder terminal : Screw terminal *2. The pin plungers of reverse-type models are continuously pressed by the actuator levers with compression coil springs and the pin plungers are freed by operating the levers. Reverse-type models are highly vibration- and shock-resistive because the pin plungers are normally pressed. Hinge cross roller lever Z-15GW54 --- --- --- --- Z-15GW54-B Unidirectional short hinge roller lever Parallel Z-15GW2277 --- --- --- --- Z-15GW2277-B Reverse hinge lever *2 Z-15GM --- --- --- --- Z-15GM-B Reverse short hinge roller lever *2 Z-15GM22 --- --- --- --- Z-15GM22-B Reverse hinge roller lever *2 Z-15GM2 --- --- --- --- Z-15GM2-B Actuator Classification Standard High-sensitivity Extra-high sensitivity High-capacity Micro load Contact gap G (0.5 mm) H (0.25 mm) H2 (0.20 mm) E (1.8 mm) H (0.25 mm) Terminal *1 Model Model Model Model Model Contact gap F (1.0 mm) Actuator Terminal *1 Model Pin plunger --- Z-10FY-B Slim spring plunger --- Z-10FSY-B Short spring plunger --- Z-10FDY-B Panel mount plunger --- Z-10FQY-B Panel mount roller plunger --- Z-10FQ22Y-B Hinge lever --- Z-10FWY-B Short hinge roller lever --- Z-10FW22Y-B Hinge roller lever --- Z-10FW2Y-B Reverse short hinge roller lever *2 --- Z-10FM22Y-B Actuator Model Pin plunger Z-15ER Slim spring plunger Z-15ESR Hinge lever Z-15EWR |
유사한 부품 번호 - Z-15GQ |
|
유사한 설명 - Z-15GQ |