전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA-1191 데이터시트(PDF) 3 Page - Unisonic Technologies

부품명 CXA-1191
상세설명  FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CXA-1191 데이터시트(HTML) 3 Page - Unisonic Technologies

  CXA-1191 Datasheet HTML 1Page - Unisonic Technologies CXA-1191 Datasheet HTML 2Page - Unisonic Technologies CXA-1191 Datasheet HTML 3Page - Unisonic Technologies CXA-1191 Datasheet HTML 4Page - Unisonic Technologies CXA-1191 Datasheet HTML 5Page - Unisonic Technologies CXA-1191 Datasheet HTML 6Page - Unisonic Technologies CXA-1191 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTCCXA1191
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
PIN CONFIGURATIONS
VOLTAGE(V)
Vcc=3V
Vcc=6V
PIN
SYMBOL
FM
AM
FM
AM
EQUIVALENT CIRCUIT
DESCRIPTION
1
MUTE
0
0
0
0
2
FM DISCRI
2.18
2.7
4.88
5.43
2
1K
2K
Phase-shift circuit,
Connect ceramic
discriminator.
3
NF
1.5
1.5
3.0
3.0
Negative feedback pin
27
AF OUT
1.5
1.5
3.0
3.0
3
27
X100
X100
GND
Vcc
Power amplifier output pin
4
VOL CONT
1.25
1.25
1.25
1.25
4
GND
20K
80K
Connect variable resistor
for electronic volume
control.
5
AM OSC
1.25
1.25
1.25
1.25
5
3.6K
AM local oscillation circuit
6
AFC
1.25
*
1.25
*
AFC variable capacitor
pin
8
REG OUT
1.25
1.25
1.25
1.25
6
8
1.25V
REG
Regulator pin 1.25V
(Typ.)
7
FM OSC
1.25
1.25
1.25
1.25
7
FM local oscillation circuit


유사한 부품 번호 - CXA-1191

제조업체부품명데이터시트상세설명
logo
Power Systems GmbH+Co.K...
CXA-0214 POWER-SYSTEMS-CXA-0214 Datasheet
109Kb / 2P
   DC-AC INVERTER UNIT 5.0W DUAL OUTPUTS WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
   DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
logo
Power Systems GmbH+Co.K...
CXA-0217 POWER-SYSTEMS-CXA-0217 Datasheet
57Kb / 4P
   DC-AC INVERTER UNIT 7W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0231 POWER-SYSTEMS-CXA-0231 Datasheet
169Kb / 4P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH WIDE DIMMING FUNCTION
logo
TDK Electronics
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
More results

유사한 설명 - CXA-1191

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
AN7224 PANASONIC-AN7224 Datasheet
284Kb / 5P
   AM Tuner, FM-AM IF Amplifier CircuIt for RadIo Cassette Recorders
AN7205 PANASONIC-AN7205 Datasheet
168Kb / 3P
   FM FRONT-END CIRCUIT FOR RADIOS AND RADIO / CASSETTE TAPE RECORDERS (3V OPERATION)
logo
Sanyo Semicon Device
LA1816 SANYO-LA1816 Datasheet
400Kb / 11P
   Single-Chip AM/FM, MPX Tuner System for Headphone Stereos, Radio-Cassette Recorders
LA1810 SANYO-LA1810 Datasheet
590Kb / 13P
   AM/FM/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1806 SANYO-LA1806 Datasheet
61Kb / 4P
   AM/FM-IF/MPX Tuner System for Radio-Cassette Recorders, Music Centers
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
LA3335M SANYO-LA3335M Datasheet
107Kb / 6P
   PLL FM Multiplex Demodulator for 3 V Headphone Stereos and Radio-cassette Recorders
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com