전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2ZU103M501A57B 데이터시트(PDF) 1 Page - RFE international

부품명 2ZU103M501A57B
상세설명  CERAMIC CAPACITORS CLASS 2 Series: High K
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFE [RFE international]
홈페이지  http://www.rfeinc.com
Logo RFE - RFE international

2ZU103M501A57B 데이터시트(HTML) 1 Page - RFE international

  2ZU103M501A57B Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C1BE02
2003.05.08
CERAMIC CAPACITORS
CLASS 2 Series: High K
INTRODUCTION
SPECIFICATIONS
DIMENSIONS (mm) Maximum Disc Diameter
(F:Standard Lead Spacing. Other lead spacing may be available upon request.)
Single layer metalized ceramic disc with resin
coating (wax impregnated) below 1KV or epoxy
coated 1KV up.
Common Usage:
•By-Pass & Coupling
•Frequency Discriminating Circuits where Q and
capacitance stability is not of major importance.
•Filtering, Blocking & Timing
PART NUMBER EXAMPLE
2 ZU 103 M 501 A57 B
Disc
Diameter
(D)
10mm min
Lead Space
(F) ±1mm
±0.05 mm(d)
3mm max
Y5E
ZU
ZV
Y5E
ZU
ZV
Y5E
ZU
Y5E
ZU
Y5E
ZU
YP
ZU
Y5F
YU
Y5F
YU
Y5F
YU
Y5F
Y5F
Y5P
Y5P
Y5P
Y5P
Y5P
Cap (pf)
Code
Z5F
Z5F
Z5F
Z5F
Z5F
5.5
6
6
6
6
8
9
82
100
120
820
101
121
F=2.5
F=5.0
F=6.35
F=6.35
F=6.35
F=6.35
F=9.5
13
180
181
200
201
220
221
F=12.7
240
241
300
301
330
331
390
391
15
470
471
10
F=12.7
500
501
7
7
F=9.5
F=6.35
F=6.35
7.5
8
560
561
680
681
750
751
5
F=6.35
6
F=6.35
7
14
F=2.5
F=5.0
F=6.35
F=12.7
8
6
10
6
12
820
821
1000
102
1200
122
F=6.35
F=6.35
F=6.35
F=6.35
F=9.5
6.5
8.5
10
10
7
7
F=5.0
F=6.35
F=6.35
Ff=9.5
F=6.35
F=6.35
1500
152
1800
182
2000
202
8.5
9
15
F=6.35
F=6.35
F=9.5
7.5
6
6.5
13
8
10
16
2200
222
2500
252
2700
272
F=5.0
F=5.0
F=5.0
F=9.5
F=6.35
F=6.35
F=12.7
10
11
5.5
F=6.35
F=9.5
3000
302
3300
332
3900
392
F=2.5
10
8
10
15
10
14
F=6.35
F=6.35
15
10
15
F=6.35
F=9.5
F=5.0
F=9.5
F=9.5
F=9.5
F=9.5
5000
502
5600
562
6800
682
8
7
15
12
10.5
18
14
14
7500
752
11.5
F=5.0
F=5.0
F=9.5
F=9.5
F=6.35
F=9.5
F=9.5
F=9.5
8200
822
F=5.0
10000
103
12
15000
153
15
10
17
F=9.5
18
20000
203
F=5.0
F=5.0
9.5
F=9.5
13
F=9.5
22000
223
F=5.0
F=9.5
17
12.5
23
25
F=9.5
16
11
F=9.5
15
F=9.5
33000
47000
56000
333
473
563
F=9.5
13
F=9.5
100000
104
20
17
23
Thickness
Voltage
50V/100V
500V
1KV
4.0 mm max.
2KV
5.0
3KV
6.5
5KV/6KV
8.0
10KV
YP
14.0
•Other temperature coefficients and voltages are available. Contact RFE International, Inc. for more details.
Technical Data
Condition
Specification
Measured at 1KHz
1.0 ~ 5.0 VRMS, 25°C
Insulation
7500MW min or
Resistance
RxC>75W-F
Operating
z5_: F, P, U & V
+10°C~+85°C
Temperature
Y5_: P & U
-30°C~+85°C
Dissipation
Y5_: E, F, P & U; Z5_: F, P & U
2.5% max
Factor (DF)
Z5V
5.0% max
Standard
Phenolic Wax
Available on Request
Epoxy Coating
Capacitance
<500Vdc
Encapsulation
80pF - 0.1mF
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


유사한 부품 번호 - 2ZU103M501A57B

제조업체부품명데이터시트상세설명
logo
RFE international
2ZU103M501A57B RFE-2ZU103M501A57B_V01 Datasheet
541Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 2 Series: High K
2018.06.21
More results

유사한 설명 - 2ZU103M501A57B

제조업체부품명데이터시트상세설명
logo
RFE international
2ZU103M501A57B RFE-2ZU103M501A57B_V01 Datasheet
541Kb / 3P
   CERAMIC DISC CAPACITORS CLASS 2 Series: High K
2018.06.21
logo
Vishay Siliconix
HFZ102MBFEJ0KR VISHAY-HFZ102MBFEJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HCU221KBCDJ0KR VISHAY-HCU221KBCDJ0KR Datasheet
259Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
HAZ470 VISHAY-HAZ470 Datasheet
269Kb / 8P
   Ceramic High Voltage Disc Capacitors, Class 2
Revision: 31-Jan-06
logo
Exxelia Group
LA6 EXXELIA-LA6 Datasheet
82Kb / 1P
   MOLDED CERAMIC CAPACITORS CLASS 2
logo
Vishay Siliconix
HSZ100 VISHAY-HSZ100 Datasheet
163Kb / 3P
   Ceramic Disc Capacitors, Class 2
Revision: 31-Jan-06
HR22 VISHAY-HR22_15 Datasheet
100Kb / 4P
   High Voltage Ring Style Capacitors, Class 1 and Class 2 Ceramic
Revision: 14-Sep-15
S223Z59Y5VN63J7R VISHAY-S223Z59Y5VN63J7R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2
Revision: 07-Jan-10
5FAE VISHAY-5FAE Datasheet
88Kb / 3P
   RF Power Barrel Capacitors, Class 1 and Class 2 Ceramic
30-Jan-2019
logo
International Rectifier
SBB501S IRF-SBB501S_15 Datasheet
183Kb / 11P
   HIGH RELIABILITY CLASS K HYBRID
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com