전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N5221B 데이터시트(PDF) 1 Page - RFE international

부품명 1N5221B
상세설명  LEADED (THRU-HOLE) Zener Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RFE [RFE international]
홈페이지  http://www.rfeinc.com
Logo RFE - RFE international

1N5221B 데이터시트(HTML) 1 Page - RFE international

  1N5221B Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C3CC01
LEADED (THRU-HOLE)
Zener Diodes
400mW GLASS BODY ZENER DIODE
Operating Temperature: -65°C to 150°C
RF
Cross
Nominal
Test
Max Zener Max Zener
Test
Max
Max Reverse
Test
Max Zener
Package
Outline
Part Number Refernce
Zener
Current Impedance Impedance Current Temperature
Lkg Current
Voltage
Current
(Max in inches)
Voltage @IZT
@IZT
@IZT
Coefficient
@ VR
IZM at C
VZ(V)
IZT(mA)
ZZT(W)
ZZK(W)
IZK(mA)
(aVZ)
IR(mA)
VR(V)
(V)
Bulk/Reel
1N964B
1N5243B
13
9.5
13
700
0.25
0.079
5
9.9
24
1000/10000
1N965B
1N5245B
15
8.5
16
700
0.25
0.082
5
11.4
21
1000/10000
1N966B
1N5246B
16
7.8
17
700
0.25
0.083
5
12.2
19
1000/10000
1N967B
1N5248B
18
7
21
750
0.25
0.085
5
13.7
17
1000/10000
1N968B
1N5250B
20
6.2
25
750
0.25
0.086
5
15.2
15
1000/10000
1N969B
1N5251B
22
5.6
29
750
0.25
0.087
5
16.7
14
1000/10000
1N970B
1N5252B
24
5.2
33
750
0.25
0.088
5
18.2
13
1000/10000
1N971B
1N5254B
27
4.6
41
750
0.25
0.09
5
20.6
11
1000/10000
1N972B
1N5256B
30
4.2
49
1000
0.25
0.091
5
22.8
10
1000/10000
1N973B
1N5257B
33
3.8
58
1000
0.25
0.092
5
25.1
9
1000/10000
1N974B
1N5258B
36
3.4
70
1000
0.25
0.093
5
27.4
1000/10000
1N975B
1N5259B
39
3.2
80
1000
0.25
0.094
5
29.7
1000/10000
1N976B
1N5260B
43
3
93
1500
0.25
0.095
5
32.7
1000/10000
1N977B
1N5261B
47
2.7
105
1500
0.25
0.095
5
35.8
1000/10000
1N978B
1N5262B
51
2.5
125
1500
0.25
0.096
5
38.8
1000/10000
400mW GLASS BODY ZENER DIODE
Operating Temperature: -65°C to 150°C
RF
Cross
Nominal
Test
Max Zener Max Reverse Leakage Max DC
Max
Package
Outline
Part Number Refernce
Zener
Current Impedance
VR=1V
Zener
Temperature
(Max in inches)
Voltage @IZT
@IZT
TA=25°C
TA=150°C Current
Coefficient
VZ(V)
IZT(mA)
ZZT(W)
IR(mA)
IR(mA)
IZM(mA)
(aVZ)
Bulk/Reel
1N746A
1N5226B
3.3
20
28
10.0
30
110
-0.07
1000/10000
1N747A
1N5227B
3.6
20
24
10.0
30
100
-0.065
1000/10000
1N748A
1N5228B
3.9
20
23
10.0
30
95
-0.06
1000/10000
1N749A
1N5229B
4.3
20
22
2.0
30
85
-0.055
1000/10000
1N750A
1N5230B
4.7
20
19
2.0
30
75
-0.03
1000/10000
1N751A
1N5231B
5.1
20
17
1.0
20
70
0.03
1000/10000
1N752A
1N5232B
5.6
20
11
1.0
20
65
0.038
1000/10000
1N753A
1N5234B
6.2
20
7
0.1
20
65
0.045
1000/10000
1N754A
1N5235B
6.8
20
5
0.1
20
55
0.05
1000/10000
1N755A
1N5236B
7.5
20
6
0.1
20
50
0.058
1000/10000
1N756A
1N5237B
8.2
20
8
0.1
20
45
0.062
1000/10000
1N757A
1N5239B
9.1
20
10
0.1
20
40
0.068
1000/10000
1N758A
1N5240B
10.0
20
17
0.1
20
35
0.075
1000/10000
1N759A
1N5242B
12.0
20
30
0.1
20
30
0.077
1000/10000
500mW GLASS BODY ZENER DIODE
Operating Temperature: -65°C to 150°C
RF
Cross
Nominal
Test
Max Zener Max Zener
Max Zener
Max Reverse
Test
Max Zener
Package
Outline
Part Number Refernce
Zener
Current Impedance Impedance Voltage Temp.
Lkg Current
Voltage
Current
(Max in inches)
Voltage @IZT
@IZT
@IZT
Coefficient
@ VR
IZM at C
VZ(V)
IZT(mA)
ZZT(W)
ZZK(W)
aVZ(%°C)
IR(mA)
VR(V)
(V)
Bulk/Reel
1N5221B
2.4
20
30
1200
-0.085
100.0
1.0
191
1000/10000
1N5222B
2.5
20
30
1250
-0.085
100.0
1.0
182
1000/10000
1N5223B
2.7
20
30
1300
-0.080
75.0
1.0
168
1000/10000
1N5224B
2.8
20
30
1400
-0.080
75.0
1.0
162
1000/10000
1N5225B
3.0
20
29
1600
-0.075
50.0
1.0
151
1000/10000
1N5226B
3.3
20
28
1600
-0.070
25.0
1.0
138
1000/10000
1N5227B
3.6
20
24
1700
-0.065
15.0
1.0
126
1000/10000
1N5228B
3.9
20
23
1900
-0.060
10.0
1.0
115
1000/10000
1N5229B
4.3
20
22
2000
-0.055
5.0
1.0
106
1000/10000
1N5230B
4.7
20
19
1900
-0.030
5.0
2.0
97
1000/10000
1N5231B
5.1
20
17
1600
+0.030
5.0
2.0
89
1000/10000
1N5232B
5.6
20
11
1600
+0.038
5.0
3.0
81
1000/10000
1N5233B
6.0
20
7
1600
+0.038
5.0
3.5
76
1000/10000
1N5234B
6.2
20
7
1000
+0.045
5.0
4.0
73
1000/10000
1N5235B
6.8
20
5
750
+0.050
3.0
5.0
67
1000/10000
1N5236B
7.5
20
6
500
+0.058
3.0
6.0
61
1000/10000
1N5237B
8.2
20
8
500
+0.062
3.0
6.5
55
1000/10000
1N5238B
8.7
20
8
600
+0.065
3.0
6.5
52
1000/10000
1N5239B
9.1
20
10
600
+0.068
3.0
7.0
50
1000/10000
1N5240B
10.0
20
17
600
+0.075
3.0
8.0
45
1000/10000
1N5241B
11.0
20
22
600
+0.076
3.0
8.4
41
1000/10000
1N5242B
12
20
30
600
+0.077
1.0
9.1
38
1000/10000
1N5243B
13
9.5
13
600
+0.079
0.5
9.9
35
1000/10000
1N5244B
14
9
15
600
+0.082
0.1
10
32
1000/10000
1N5245B
15
8.5
16
600
+0.082
0.1
11
30
1000/10000
1N5246B
16
7.8
17
600
+0.083
0.1
12
28
1000/10000
1N5247B
17
7.4
19
600
+0.084
0.1
13
27
1000/10000
1N5248B
18
7
21
600
+0.085
0.1
14
25
1000/10000
1N5249B
19
6.6
23
600
+0.085
0.1
14
24
1000/10000
1N5250B
20
6.2
25
600
+0.086
0.1
15
23
1000/10000
1N5251B
22
5.6
29
600
+0.087
0.1
17
21.2
1000/10000
1N5252B
24
5.2
33
600
+0.088
0.1
18
19.1
1000/10000
1N5253B
25
5
35
600
+0.089
0.1
19
18.2
1000/10000
1N5254B
27
4.6
41
600
+0.090
0.1
21
16.8
1000/10000
1N5255B
28
4.5
44
600
+0.091
0.1
21
16.2
1000/10000
1N5256B
30
4.2
49
600
+0.091
0.1
23
15.1
1000/10000
1N5257B
33
3.8
58
700
+0.092
0.1
25
13.8
1000/10000
1N5258B
36
3.4
70
700
+0.093
0.1
27
12.6
1000/10000
1N5259B
39
3.2
80
800
+0.094
0.1
30
11.5
1000/10000
1N5260B
43
3
93
900
+0.095
0.1
33
10.6
1000/10000
1N5261B
47
2.7
150
1000
+0.095
0.1
36
9.7
1000/10000
1N5262B
51
2.5
125
1100
+0.096
0.1
39
8.9
1000/10000
1N5263B
56
2.2
150
1300
+0.096
0.1
43
8.1
1000/10000
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


유사한 부품 번호 - 1N5221B

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N5221B VISHAY-1N5221B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Yangzhou yangjie electr...
1N5221B YANGJIE-1N5221B Datasheet
285Kb / 5P
   Zener Diodes
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Fairchild Semiconductor
1N5221B FAIRCHILD-1N5221B Datasheet
135Kb / 6P
   Zener Diodes
More results

유사한 설명 - 1N5221B

제조업체부품명데이터시트상세설명
logo
RFE international
1N4728A RFE-1N4728A Datasheet
63Kb / 1P
   LEADED (THRU-HOLE) Zener Diodes
SF61 RFE-SF61 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
logo
Unisonic Technologies
ZD1.8 UTC-ZD1.8 Datasheet
188Kb / 4P
   ZD1.8 THRU ZD36 ZENER DIODES
logo
SUNMATE electronic Co.,...
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
3EZ400D5 SUNMATE-3EZ400D5 Datasheet
179Kb / 3P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com