전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VG26VS17400E 데이터시트(PDF) 8 Page - Vanguard International Semiconductor

부품명 VG26VS17400E
상세설명  4,194,304 x 4 - Bit CMOS Dynamic RAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VML [Vanguard International Semiconductor]
홈페이지  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG26VS17400E 데이터시트(HTML) 8 Page - Vanguard International Semiconductor

Back Button VG26VS17400E Datasheet HTML 4Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 5Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 6Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 7Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 8Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 9Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 10Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 11Page - Vanguard International Semiconductor VG26VS17400E Datasheet HTML 12Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Document : 1G5-0142
Rev.1
Page 8
VIS
VG26(V)(S)17400E
4,194,304 x 4 - Bit
CMOS Dynamic RAM
DC Characteristics ; 3.3 - Volt Verion
(Ta = 0 to 70°C, VCC = + 3.3V 10%, Vss = 0V)
Parameter
Symbol
Test Conditions
VG26 (V) (S) 17400E
Unit Notes
-5
-6
Min
Max
Min
Max
Operating
current
ICC1
RAS cycling
CAS cycling
tRC = min.
-
110
-
100 mA
1, 2
Standby
Current
Low
power
S - version
ICC2
LVTTL interface
RAS, CAS = VIH
Dout = high - Z
-
0.5
-
0.5
mA
CMOS interface
- 0.2V
Dout = high - Z
-
0.25
-
0.25
mA
Standard
power
version
LVTTL interface
RAS, CAS = VIH
Dout = high - Z
-
2
-
2
mA
CMOS interface
- 0.2V
Dout = high - Z
-
0.5
-
0.5
mA
RAS - only
refresh current
ICC3
RAS cycling, CAS = VIH
tRC = min.
-
110
-
100
mA
1, 2
Fast page mode
current
ICC4
tPC = min.
-
80
-
70
mA
1,3
CAS - before - RAS
refresh current
ICC5
tRC = min.
RAS, CAS cycling
-
110
-
100
mA
1, 2
Self - refresh currant
(S - Version)
ICC8
-
250
-
250
CAS - before - RAS
long refresh
current (S - Version)
ICC9
Standby : VCC -
CAS before RAS refresh :
2048 cycles/128ms
RAS, RAS :
VCC -
(Max)
Dout = high - Z,
-
300
-
300
±
RAS CAS
,
V
CC
RAS CAS
,
V
CC
t
RASS
100
µS
µA
0.2V
RAS
0V
V
I L
0.2V
0.2V
V
IH
V
IH
t
RAS
300ns
µA


유사한 부품 번호 - VG26VS17400E

제조업체부품명데이터시트상세설명
logo
Vanguard International ...
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
More results

유사한 설명 - VG26VS17400E

제조업체부품명데이터시트상세설명
logo
Vanguard International ...
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
logo
Hynix Semiconductor
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17400C HYNIX-GM71C17400C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM51W16400 HITACHI-HM51W16400 Datasheet
450Kb / 33P
   4,194,304-word x 4-bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com