전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VG3617161ET 데이터시트(PDF) 5 Page - Vanguard International Semiconductor

부품명 VG3617161ET
상세설명  CMOS Synchronous Dynamic RAM
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VML [Vanguard International Semiconductor]
홈페이지  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG3617161ET 데이터시트(HTML) 5 Page - Vanguard International Semiconductor

  VG3617161ET Datasheet HTML 1Page - Vanguard International Semiconductor VG3617161ET Datasheet HTML 2Page - Vanguard International Semiconductor VG3617161ET Datasheet HTML 3Page - Vanguard International Semiconductor VG3617161ET Datasheet HTML 4Page - Vanguard International Semiconductor VG3617161ET Datasheet HTML 5Page - Vanguard International Semiconductor VG3617161ET Datasheet HTML 6Page - Vanguard International Semiconductor VG3617161ET Datasheet HTML 7Page - Vanguard International Semiconductor VG3617161ET Datasheet HTML 8Page - Vanguard International Semiconductor VG3617161ET Datasheet HTML 9Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
Document:1G5-0189
Rev.1
Page 5
VIS
VG3617161ET
1,048,576 x 16 - Bit
CMOS Synchronous Dynamic RAM
IDD Specifications (VDD = 3.3V
0.3V, TA = 0 ~ 70°C)
Description/test condition
Symbol
-6
-7
-8
Unit Note
Min
Max
Min
Max
Min
Max
Operating Current
, outputs open
Address changed once during tCK(min).
Burst length = 1 (One bank active)
IDD1
115
105
95
mA
3,4
Precharge Standby Current in non power-down
mode
(min),
(min), tCK =tCK(min)
Input signals are changed once during 2 clocks
IDD2N
40
40
40
3
Precharge Standby Current in non power-down
mode
(min), tCK =
,
(max)
Input signals are stable
IDD2NS
35
35
35
Precharge Standby Current in power-down mode
(max), tCK = tCK(min)
IDD2P
2
2
2
Precharge Standby Current in power-down mode
(max), tCK =
,
(max)
IDD2PS
2
2
2
Active Standby Current in non power-down mode
(min), CS
VIH(min), tCK = tCK(min)
Input signals are changed once during 2 clocks
IDD3N
50
50
50
3
Active Standby Current in non power-down mode
(min), tCK =
,
(max)
Input signals are stable
IDD3NS
40
40
40
Active Standby Current in power-down mode
(max), tCK = tCK(min)
IDD3P
35
35
35
Active Standby Current in power-down mode
(max), tCK =
,
(max)
IDD3PS
35
35
35
Operating Current
(Page burst, and all banks activated)
tCCD = tCCD(min), outputs open, gapless data
IDD4
150
140
130
4,5
Refresh Current
(min) (tREF = 64ms)
IDD5
100
90
80
3
Self Refresh Current
IDD6
1
1
1
±
t
RC
t
R C min
()
CKEV
IH
CSV
IH
CKEV
IH
∞ CLKV
IL
CKEV
IL
CKEV
IL
∞ CLKV
IL
CKEV
IH
CKEV
IH
∞ CLKV
IL
CKEV
IL
CKEV
IL
∞ CLKV
IL
t
RC
t
RC
CKE
0.2V


유사한 부품 번호 - VG3617161ET

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
VG3617161BT ETC-VG3617161BT Datasheet
1Mb / 69P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161BT-55 ETC-VG3617161BT-55 Datasheet
1Mb / 69P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161BT-6 ETC-VG3617161BT-6 Datasheet
1Mb / 69P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161BT-7 ETC-VG3617161BT-7 Datasheet
1Mb / 69P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161BT-8 ETC-VG3617161BT-8 Datasheet
1Mb / 69P
   16Mb CMOS Synchronous Dynamic RAM
More results

유사한 설명 - VG3617161ET

제조업체부품명데이터시트상세설명
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
logo
Vanguard International ...
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG36641641BT VML-VG36641641BT Datasheet
974Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
VG3617161DT VML-VG3617161DT Datasheet
943Kb / 70P
   16Mb CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com