전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC1061 데이터시트(PDF) 1 Page - Wing Shing Computer Components

부품명 2SC1061
상세설명  NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINGS [Wing Shing Computer Components]
홈페이지  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

2SC1061 데이터시트(HTML) 1 Page - Wing Shing Computer Components

  2SC1061 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC1061
NPN EPITAXIAL SILICON TRANSISTOR
LOW FREQUENCY POWER AMPLIFIER
TO-220
! Complement to 2SA671
ABSOLUTE MAXIMUM RATINGS (T
A=25℃
℃)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Emitter-Base voltage
Collector Current (DC)
Collector Dissipation (Tc=25℃)
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
50
50
7
3
25
150
-50~150
V
V
V
A
W
ELECTRICAL CHARACTERISTICS (T
A=25℃
℃)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
Emitter Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
Current Gain Bandwidth Product
ICBO
IEBO
hFE1
VCE(sat)
fT
VCB= 50V , IE=0
VEB= 7V ,
IC=0
VCE= 4V , IC=1A
IC=3A ,
IB=0.3A
VCE= 5V , IC=0.5A
35
8
100
100
200
1.0
µA
µA
V
MHZ
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


유사한 부품 번호 - 2SC1061

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2SC1061 MOSPEC-2SC1061 Datasheet
110Kb / 3P
   POWER TRANSISTORS(3.0A,50V,25W)
logo
List of Unclassifed Man...
2SC1061 ETC-2SC1061 Datasheet
46Kb / 1P
   LOW FREQUENCY POWER AMPLIFIER Complementary pair with 2SA670 and 2SA671
logo
Savantic, Inc.
2SC1061 SAVANTIC-2SC1061 Datasheet
90Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC1061 JMNIC-2SC1061 Datasheet
212Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC1061 ISC-2SC1061 Datasheet
168Kb / 4P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SC1061

제조업체부품명데이터시트상세설명
logo
Wing Shing Computer Com...
2SC1827 WINGS-2SC1827 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC2233 WINGS-2SC2233 Datasheet
65Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD1437 WINGS-2SD1437 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD613 WINGS-2SD613 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD288 WINGS-2SD288 Datasheet
33Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER)
2SD526 WINGS-2SD526 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC1454 WINGS-2SC1454 Datasheet
66Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD235 WINGS-2SD235 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD313 WINGS-2SD313 Datasheet
30Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com