전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSSS923800 데이터시트(PDF) 5 Page - ALPS ELECTRIC CO.,LTD.

부품명 SSSS923800
상세설명  Slide Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPS [ALPS ELECTRIC CO.,LTD.]
홈페이지  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS923800 데이터시트(HTML) 5 Page - ALPS ELECTRIC CO.,LTD.

  SSSS923800 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS923800 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS923800 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS923800 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS923800 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS923800 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
134
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
14
2
2 2
11.5
0.5
A
PC board
mounting face
Terminal No.1
0.5
0.5
0.5
0.5
2
Detail of knob
2
4
15.9
16.9
7.2
0.35
5
4
2.5
a
Travel
ab c
Terminal No.1
22
7.2
3 or 5
0.35
5.5
2.5
2 or 4
14
11.5
24
2
0.5
0.5
0.5
2
0.5
0.5
Detail of knob
Travel
PC board
mounting face
ab c
A
22
8-ø0.7 holes
1.5
1.5
16.5
4
c
1
2
3
Circuit DiagramViewed from Direction A
1-pole, 2-positions
Standard type
c
1
2
3
1-pole, 2-positions
Snap-in type
c
12
3
4
1-pole, 3-positions
Standard type
c
12
3
4
1-pole, 3-positions
Snap-in type
c
c
12
3
45
6
2-poles, 2-positions
Standard type
c
c
12
3
45
6
2-poles, 2-positions
Snap-in type
c
c
12 3
4
56 7
8
2-poles, 3-positions
Standard type
c
c
12 3
4
56 7
8
2-poles, 3-positions
Snap-in type
1.5
Detail of a
Unit:mm
Horizontal Actuator Type
Style
No.
PC board mounting hole dimensions
(Viewed from the direction A)
13
2-poles, 2-positions
Snap-in type
14
2-poles, 3-positions
Standard type
15
2-poles, 3-positions
Snap-in type
Dimensions
Unit:mm
22
8-ø0.7 holes
4
22
6-ø0.7 holes
1.5
1.5
13.9
Terminal No.1
2
11.5
13.3
7.2
5
0.35
2.5
4
14.3
9
2
2
0.5
0.5
0.5
2
0.5
0.5
Detail of knob
Travel
PC board
mounting face
a
A
5(H)mm, 2mm-travel Type
SSSS9 Series
Slide Switch


유사한 부품 번호 - SSSS923800

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSS923802 ALPS-SSSS923802 Datasheet
1Mb / 8P
   Mid-size general purpose type well established for user friendliness
More results

유사한 설명 - SSSS923800

제조업체부품명데이터시트상세설명
logo
ALPS ELECTRIC CO.,LTD.
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
   Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
   Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
   Slide Switch
logo
List of Unclassifed Man...
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
   Slide Switch
logo
List of Unclassifed Man...
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
   Slide Switch
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSU011700 ALPS-SSSU011700 Datasheet
306Kb / 5P
   Slide Switch
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com